Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6221T Datasheet(PDF) 26 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 26 Page - ams AG

Back Button AS6221T Datasheet HTML 22Page - ams AG AS6221T Datasheet HTML 23Page - ams AG AS6221T Datasheet HTML 24Page - ams AG AS6221T Datasheet HTML 25Page - ams AG AS6221T Datasheet HTML 26Page - ams AG AS6221T Datasheet HTML 27Page - ams AG AS6221T Datasheet HTML 28Page - ams AG AS6221T Datasheet HTML 29Page - ams AG AS6221T Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 26
6.3.7
Slave Transmitter
The master transmits the slave address with a high R/W bit. In turn, the slave acknowledges a valid
slave address. Subsequently, the slave transmits the MSB byte of the actual selected data register by
the index register. After the MSB byte transmission, acknowledge is sent by the master. Afterwards,
the LSB byte is transmitted by the slave which is also acknowledged by the master after the
completed transmission. The data transfer can be terminated by the master by transmitting a Not-
Acknowledge after the transmitted slave data or by invoking a START or a STOP condition on the bus.
6.3.8
Alert Function
If the device is configured for an interrupt mode operation (IM=1), the ALERT output can be used as
an alert signal.
If the polarity bit is set to ‘0’ (POL=’0’), the alert condition bit is set to ‘0’ in case the temperature has
exceeded the configured value in register THIGH. Accordingly, the alert condition bit
is set to ‘1’ if the
temperature has fallen below the configured value in register TLOW.
If the polarity bit is set to ‘1’ (POL=’1’), the alert condition bit is inverted. The following table
summarizes the status of the alert condition bit with different alert conditions and polarity
configurations.
Figure 30:
Alert Condition Bit
Polarity Bit
Alert Condition
Alert Condition Bit (AC-Bit)
0
T ≥ THIGH
0
0
T ≤ TLOW
1
1
T ≥ THIGH
1
1
T ≤ TLOW
0
6.3.9
High Speed Mode
The bus operation is limited to 400 kHz unless a high speed command is issued by the master device
as the first byte after a START condition. This switches the bus to a high speed operation which allows
data transfer frequencies up to 3.4 MHz. Such a command is not acknowledged by the slave but the
input filter time constants on the serial interface (SDA and SCL) are adapted to allow the higher
transfer rate.
After a high speed command, the slave address is transmitted by the master in order to invoke a data
transfer. The bus keeps operating at the higher operating frequency until the master issues a STOP
condition on the serial bus. Upon the reception of the STOP condition by the slave, the input filters are
switched to their initial time constants which allow lower transfer rates only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com