Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6221T Datasheet(PDF) 27 Page - ams AG

Part # AS6221T
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6221T Datasheet(HTML) 27 Page - ams AG

Back Button AS6221T Datasheet HTML 23Page - ams AG AS6221T Datasheet HTML 24Page - ams AG AS6221T Datasheet HTML 25Page - ams AG AS6221T Datasheet HTML 26Page - ams AG AS6221T Datasheet HTML 27Page - ams AG AS6221T Datasheet HTML 28Page - ams AG AS6221T Datasheet HTML 29Page - ams AG AS6221T Datasheet HTML 30Page - ams AG AS6221T Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Document Feedback
AS6221T
Register Description
Datasheet
• PUBLIC
DS001032
• v1-00 • 2022-Apr-08
37
│ 27
6.3.10
General Call
A general call is issued by the master by transmitting the general call address (000 0000) with a low
R/W bit. When this command is issued on the bus, the device acknowledges this command. The
device also acknowledges the second byte but ignores the data. Subsequent bytes sent by the master
during the general call are not acknowledged.
6.3.11
Start Byte
When
the master transmits address 000 0000 and a high R/W bit (“START byte”) the device
acknowledges the address. The device then send the MSB data byte and LSB data byte, where the
data corresponds to the content of the register whose address has been last written to. After reset this
corresponds to the temperature register.
6.3.12
Timeout Function
The serial interface of the slave device is reset if the clock signal SCL is kept low for typ. 30 ms. Such
a condition results in a release of the data line by the slave in case it has been pulled to low level. The
slave remains inactive after a timeout and waits for a new START command invoked by the bus
master. In order to prevent a timeout, the bus transfer rate must be higher than 1 kHz.
6.3.13
Bus Conditions
The following conditions occur on the serial bus which is compatible to the I²C-Bus.
Bus Idle
The signals SDA and SCL are not actively driven and pulled to a high level by an external pull-up
resistor.
Start Data Transfer
A transition of the SDA input from high to low level while the SCL signal is kept at high level results in
a START condition. Such a START condition must precede any data transfer.
Stop Data Transfer
A transition of the SDA input from low to high level while the SCL signal is kept at high level results in
a STOP condition. Any data transfer is finished by generating a STOP or START condition.
Data Transfer
The master device defines the number of data bytes between a START and STOP condition and there
is no limitation in the amount of data to be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com