Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 7Page - STMicroelectronics STSMIA832 Datasheet HTML 8Page - STMicroelectronics STSMIA832 Datasheet HTML 9Page - STMicroelectronics STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
STSMIA832
Application information
11/23
.
3.7
Board layout
To obtain the maximum benefit from the noise and EMI reductions of subLVDS, attention
should be paid to the layout of differential lines. Lines of a differential pair should always be
adjacent to eliminate noise interference from other signals and take full advantage of the
noise canceling of the differential signals. Equal length should be maintained on signal
traces for a given differential pair. As with any high-speed design, the impedance
discontinuities should be limited (reduce the numbers of vias and no 90 degree angles on
traces). Any discontinuities which do occur on one signal line should be mirrored in the other
line of the differential pair. Care should be taken to ensure that the differential trace
impedance match the differential impedance of the selected physical media (this impedance
should also match the value of the termination resistor (100 ohms) that is connected across
the differential pair at the receiver’s input). Surface mount resistors are recommended to
avoid the additional inductance that accompanies leaded resistors.
These resistors should be placed as close as possible to the receiver input pins to reduce
stubs and effectively terminate the differential lines. All of these considerations will limit
reflections and crosstalk which adversely effect high frequency performance and EMI.
3.8
Decoupling capacitors
Bypassing capacitors are needed to reduce the impact of switching noise which could limit
performance. For a conservative approach three parallel-connected decoupling capacitors
(Multi-Layered Ceramic capacitors in surface mount form factor) between each VCC and the
ground plane(s) are recommended. An example is shown in the figure below. Wide traces
for power and ground should be used and it should be ensured each capacitor has its own
via to the ground plane.
Figure 9.
STSMIA832 Load capacitance and rise and fall time of LVTTL parallel outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com