Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics STSMIA832 Datasheet HTML 18Page - STMicroelectronics STSMIA832 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
STSMIA832
Characteristics
15/23
Table 9.
Switching characteristics
(RT = 100Ω ± 1%, CL = 10pF, over recommended operating conditions unless otherwise
noted. Typical values are referred to TA = 25°C and VDD = 2.8V, VL = 1.8V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr
Rise Time LVTTL Output Voltage
(10% to 90%)
1.9
2.5
ns
tf
Fall Time LVTTL Output Voltage
(90% to 10%)
1.6
2.5
ns
tpLH
Propagation Delay Time (STRB to
V-SYNC, H-SYNC) Low to High
Strobed Transmission
CLASS_SEL=VL
6.3
8.5
ns
tpHL
Propagation Delay Time (STRB to
V-SYNC, H-SYNC) High to Low
6.9
8.5
ns
tpLH
Propagation Delay Time
(STRB to CLK) Low to High
Strobed Transmission
CLASS_SEL=VL
5.2
6.5
ns
tpHL
Propagation Delay Time
(STRB to CLK) High to Low
5.2
6.5
ns
tpLH
Propagation Delay
(STRB to D1-D8) Low to High
Strobed Transmission
CLASS_SEL=VL
6.8
8.5
ns
tpHL
Propagation Delay
(STRB to D1-D8) High to Low
6.4
8.5
ns
tpLH
Propagation Delay Time (STRB to
V-SYNC, H-SYNC) Low to High
Clocked Transmission
CLASS_SEL= Gnd
6.0
7.0
ns
tpHL
Propagation Delay Time (STRB to
V-SYNC, H-SYNC) High to Low
6.0
7.0
ns
tpLH
Propagation Delay Time
(STRB to CLK) Low to High
Clocked Transmission
CLASS_SEL= Gnd
4.7
6.0
ns
tpHL
Propagation Delay Time
(STRB to CLK) High to Low
4.7
6.0
ns
tpLH
Propagation Delay
(STRB to D1-D8) Low to High
Clocked Transmission
CLASS_SEL= Gnd
6.0
7.5
ns
tpHL
Propagation Delay
(STRB to D1-D8) High to Low
5.4
7.5
ns
tEN
Enable Delay Time
(EN to V-SYNC, H-SYNC)
trEN = 2.0ns (10% to 90%)
tfEN = 2.0ns (90% to 10%)
20
µs
tDIS
Disable Delay Time
(EN to V-SYNC, H-SYNC)
trEN = 2.0ns (10% to 90%)
tfEN = 2.0ns (90% to 10%)
100
ns
DRMAX Max Usable Data Rate
CLASS_SEL=VL
650
Mbps
TSTRB
Strobe Target Period
CLASS_SEL=VL
1538
ps
tDS
Minimum Data/Strobe Edge
Separation
CLASS_SEL=VL
780
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com