Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 9Page - STMicroelectronics STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics STSMIA832 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STSMIA832
Maximum ratings
13/23
4
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 5.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Main Supply Voltage
-0.5 to 4.6
V
VL
Secondary Supply Voltage
-0.5 to (VDD + 0.5)
V
VD
SubLVDS Data Bus Input Voltage (D+, D-)
-0.5 to 4.6
V
VSTRB
SubLVDS Clock Bus Input Voltage (STRB+, STRB-)
-0.5 to 4.6
V
VI
DC Input Voltage (SYNC_SEL, CLASS_SEL, EN)
-0.5 to 4.6
V
VO
DC Output Voltage (D1-D8, H-SYNC, V-SYNC, CLK)
-0.5 to (VL + 0.5)
V
Tstg
Storage Temperature Range
-65 to +150
°C
ESD
Electrostatic Discharge Protection
HBM Human Body Model (All Pins)
±2
kV
Table 6.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Main Supply Voltage
2.65
2.8
3.6
V
VL
Secondary Supply Voltage
1.65
1.8
1.95
V
VID
Differential Level Input Voltage (D+, D-, STRB+, STRB-)
0.1
0.4
V
VCM
Common Level Input Voltage (D+, D-, STRB+, STRB-)
0.5
0.9
1.3
V
VIC
Level Input Voltage (SYNC_SEL, CLASS_SEL, EN)
1.65
1.8
3.6
V
RT
Termination Resistance (per pair differential input line)
80
100
120
CL
Termination Capacitance (per line vs Gnd Pin)
10
pF
TA
Operating Ambient Temperature Range
-40
85
°C
TJ
Operating Junction Temperature Range
-40
125
°C
tR, tF
Rise and Fall Time
(SYNC_SEL, CLASS_SEL, EN; 10% to 90%; 90% to 10%)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com