Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSMIA832 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STSMIA832
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STSMIA832 Datasheet HTML 8Page - STMicroelectronics STSMIA832 Datasheet HTML 9Page - STMicroelectronics STSMIA832 Datasheet HTML 10Page - STMicroelectronics STSMIA832 Datasheet HTML 11Page - STMicroelectronics STSMIA832 Datasheet HTML 12Page - STMicroelectronics STSMIA832 Datasheet HTML 13Page - STMicroelectronics STSMIA832 Datasheet HTML 14Page - STMicroelectronics STSMIA832 Datasheet HTML 15Page - STMicroelectronics STSMIA832 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Application information
STSMIA832
12/23
.
X = Don’t care
Figure 10.
Bypass decoupling capacitors
Table 3.
Synchronization codes as per SMIA specifications
INPUT
OUTPUT
FUNCTION
EN
SYNC_SEL
D+
D-
STRB+ STRB- V-SYNC H-SYNC
D1-D8
CLK
L
X
X
X
X
X
L
L
L
L
SMIA disabled
HH
SOF (FFH 00H 00H 02H)H
H
SeeDetailed
Timing Diagram
Start of Frame
HH
EOF(FFH 00H 00H 03H)
L
L
End of Frame
HH
SOL(FFH 00H 00H 00H)
No
Change
H
Start of Line
HH
EOL(FFH 00H 00H 01H)
No
Change
L
End of Line
HL
X
X
X
X
L
L
D+, D-
data in
parallel
mode
See
Detailed
Timing
Diagram
DisabledSync
(D1-D8 will get
out data, including
Sync Code)
Table 4.
Class function table (CSI Classification)
CLASS
Data Transfer Capacity
(Sustained Data Rate)
Signaling Method
CLASS_SEL
Class 0
<208 Mbps
Data/Clock
GND
Class 1
208-416 Mbps
Data/Strobe
VL
Class 2
416-650 Mbps
Data/Strobe
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com