Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  LSF0108 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
6. Pinning information
6.1. Pinning
LSF0108
GND
EN
refA
refB
A1
B1
A2
B2
A3
B3
A4
B4
A5
B5
A6
B6
A7
B7
A8
B8
aaa-030281
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Fig. 2. Pin configuration TSSOP20 (SOT360-1)
aaa-030282
LSF0108
Transparent top view
GND(1)
B7
A6
A7
B6
A5
B5
A4
B4
A3
B3
A2
B2
A1
B1
refA
refB
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 3. Pin configuration DHVQFN20 (SOT764-1)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
GND
1
ground (0 V)
refA
2
reference voltage A
A1, A2, A3, A4, A5, A6, A7, A8
3, 4, 5, 6, 7, 8, 9, 10
data input/output A
B1, B2, B3, B4, B5, B6, B7, B8
18, 17, 16, 15, 14, 13, 12, 11
data input/output B
refB
19
reference voltage B
EN
20
enable input (active HIGH)
7. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Input
input/output
EN
An, Bn channel
H
An = Bn
L
Z
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com