Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
11.1. Waveforms and test circuit
aaa-030284
output Bn, An
input An, Bn
tPHL
tPLH
VM
VM
VIH
VIL
VOH
VOL
VM
VM
Measurement points are given in Table 8.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 5. The data input (An, Bn) to output (Bn, An) propagation delay times
aaa-030285
tf
10 %
10 %
90 %
90 %
90 %
10 %
10 %
VIH
0 V
VIH
negative
pulse
positive
pulse
0 V
90 %
tr
tr
tf
a. VI source waveform
aaa-030286
EN
up/down translating
refB
Bn
LSF0108
refA
An
Rpu
Vpu
VrefA
CEN
CL
S1
S2
VI
VO
VEXT
switch
S1
S2
Translating up
Translating down
RL
1 MΩ
b. Test circuit
Test data is given in Table 8. The An and Bn pins may be exchanged.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz; ZO = 50 Ω.
Definitions test circuit:
CL = Load capacitance including jig and probe capacitance; CEN = Decoupling capacitance;
Rpu = Pull-up resistance; RL = Load resistance; S1/S2 = Test selection switch.
Fig. 6. Test circuit for measuring switching times
Table 8. Test data
Input
Output
Load
tr, tf
VM
VM
CL
CEN
RL
Rpu
≤ 2 ns
0.5VrefA
0.5VrefA
15 pF, 30 pF, 50 pF 100 nF
300 Ω
200 kΩ
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
7 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com