Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT764-1
- - -
MO-241
- - -
sot764-1_po
03-01-27
14-12-12
Unit
mm
max
nom
min
1.00 0.05
4.6 3.15 2.6
0.5
3.5
0.1
A(1)
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
A1
b
0.30
c
D(1)
Dh E(1) Eh
1.00
e
e1
L
0.4
v
w
0.05
y
y1
0.90 0.02
0.2
4.5 3.00 2.5
0.25
0.05 0.1
0.85
0.3
0.80 0.00
4.4 2.85 2.4
0.18
1.15
0.5
detail X
B
A
e1
e
e
C
y
C
y1
X
A
C
B
v
C
w
scale
A
A1
c
L
Eh
Dh
b
2
9
19
12
11
10
1
20
D
E
terminal 1
index area
terminal 1
index area
0
5 mm
2.5
DHVQFN20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
20 terminals; body 2.5 x 4.5 x 0.85 mm
SOT764-1
Fig. 8. Package outline SOT764-1 (DHVQFN20)
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
9 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com