Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0108 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  8-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  LSF0108 Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
LSF0108
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
see Fig. 4
[2]
VI = 0 V; Vpu = 5.0 V; IO = 64 mA
VrefA = 3.3 V
-
3
-
Ω
VrefA = 1.8 V
-
4
-
Ω
VrefA = 1.0 V
-
7
-
Ω
VI = 0 V; Vpu = 5.0 V; IO = 32mA
VrefA = 1.8 V
-
4
-
Ω
VrefA = 2.5 V
-
3
-
Ω
VI = 1.8 V; Vpu = 5.0 V; IO = 15 mA
VrefA = 3.3 V
-
4
-
Ω
VI = 1.0 V; Vpu = 3.3 V; IO = 10 mA
VrefA = 1.8 V
-
7
-
Ω
VI = 0 V; Vpu = 3.3 V; IO = 10 mA
VrefA = 1.0 V
-
5
-
Ω
VI = 0 V; Vpu = 1.8 V; IO = 10 mA
RON
ON resistance
VrefA = 1.0 V
-
6
-
Ω
[1] All typical values are measured at Tamb = 25 °C.
[2] Measured by the voltage drop between the An and Bn pins at the indicated current through the switch. ON resistance is determined by
the lowest voltage of the two (An or Bn) pins.
aaa-030283
EN
refB
Bn
LSF0108
refA
An
Rpu
Vpu
VrefA
CEN
VI
IO
The An and Bn pins may be exchanged.
Rpu = 200 kΩ
CEN = 100 nF
Fig. 4. Test circuit for measuring RON
LSF0108
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 1 — 18 September 2019
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com