Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0204PW Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # LSF0204PW
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204PW Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  LSF0204PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
see Fig. 4
[2]
VI = 0 V; IO = 64 mA;
VrefA = VI(EN) = 3.3 V; VrefB = 5 V
-
3
-
Ω
VrefA = VI(EN) = 1.8 V; VrefB = 5 V
-
4
-
Ω
VI = 0 V; IO = 32 mA;
VrefA = VI(EN) = 1.0 V; VrefB = 5 V
-
7
-
Ω
VrefA = VI(EN) = 1.8 V; VrefB = 5 V
-
4
-
Ω
VrefA = VI(EN) = 2.5 V; VrefB = 5 V
-
3.5
-
Ω
VI = 1.8 V; IO = 15 mA; VrefA = VI(EN) = 3.3 V; VrefB = 5 V
-
5
-
Ω
VI = 1 V; IO = 10 mA; VrefA = VI(EN) = 1.8 V; VrefB = 3.3 V
-
8
-
Ω
VI = 0 V; IO = 10 mA; VrefA = VI(EN) = 1 V; VrefB = 3.3 V
-
6
-
Ω
RON
ON resistance
VI = 0 V; IO = 10 mA; VrefA = VI(EN) = 1 V; VrefB = 1.8 V
-
6
-
Ω
[1] All typical values are measured at Tamb = 25 °C.
[2] Measured by the voltage drop between the An and Bn pins at the indicated current through the switch. ON resistance is determined by
the lowest voltage of the two (An or Bn) pins.
aaa-031588
An
Bn
LSF0204
EN
refA
400 kΩ
VrefA
refB
VrefB
VI
IO
The An and Bn pins may be exchanged.
Fig. 4. Test circuit for measuring RON
11. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; for waveforms see Fig. 5 and Fig. 6; for test circuit see Fig. 7
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Translating down (3.3 V to 1.8 V)
An to Bn or Bn to An
VrefA = VI(EN) = 1.8 V; VrefB = 3.3 V;
VI = 3.3 V; VM = 1.15 V
CL = 15 pF
-
0.3
5.19
ns
CL = 30 pF
-
0.5
5.29
ns
tPLH
LOW to HIGH
propagation delay
CL = 50 pF
-
0.7
5.49
ns
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com