Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0204PW Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # LSF0204PW
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204PW Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  LSF0204PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain;
push-pull
Rev. 2 — 28 October 2020
Product data sheet
1. General description
The LSF0204 is an 4 channel bidirectional multi-voltage level translator for open-drain and
push-pull applications. It supports up to 100 MHz up translation and ≥ 100 MHz down translation
at ≤ 30 pF capacitive load. There is no need for a direction pin which minimizes system effort. The
LSF0204 supports 5 V tolerant I/O pins for compatibility with TTL levels in a variety of applications.
The ability to set up different voltage translation levels on each channel makes the device very
flexible and suitable for a lot of different applications.
2. Features and benefits
• Bidirectional voltage translation with no direction pin
• Up translation
• ≥ 100 MHz; CL = 15 pF, 30 pF
• ≥ 80 MHz; CL = 50 pF
• Down translation
• ≥ 120 MHz; CL = 15 pF, 30 pF
• ≥ 100 MHz; CL = 50 pF
• Hot insertion
• Bidirectional voltage level translation between:
• 0.8 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.2 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.8 V and 2.5 V, 3.3 V and 5.0 V
• 2.5 V and 3.3 V and 5.0 V
• 3.3 V and 5.0 V
• Low standby current
• 5 V tolerant I/O pins to support TTL
• Low RON provides less signal distortion
• Latch-up performance exceeds 100 mA per JESD78 class II level A
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• Specified from -40 °C to +125 °C
3. Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C, and other interfaces in Telecom infrastructure
• Industrial
• Personal computing


Similar Part No. - LSF0204PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
LSF0204PW-Q100 NEXPERIA-LSF0204PW-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
Texas Instruments
LSF0204PWR TI1-LSF0204PWR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
LSF0204PWR TI2-LSF0204PWR Datasheet
2Mb / 39P
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
REVISED APRIL 2021
LSF0204PWR.B TI2-LSF0204PWR.B Datasheet
2Mb / 39P
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
REVISED APRIL 2021
More results

Similar Description - LSF0204PW

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
LSF0102-Q100 NEXPERIA-LSF0102-Q100 Datasheet
211Kb / 12P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 4 September 2020
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306-Q100 NEXPERIA-NCA9306-Q100 Datasheet
200Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain;push-pull
Rev. 1 - 11 February 2022
LSF0108-Q100 NEXPERIA-LSF0108-Q100 Datasheet
215Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 30 July 2020
LSF0101 NEXPERIA-LSF0101 Datasheet
220Kb / 13P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 8 February 2022
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com