Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0204PW Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # LSF0204PW
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204PW Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  LSF0204PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
LSF0204PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
LSF0204GU12
-40 °C to +125 °C
XQFN12
plastic, extremely thin quad flat package; no leads;
12 terminals; body 1.70 × 2.0 × 0.50 mm
SOT1174-1
5. Functional diagram
aaa-031585
An
Bn
EN
refA
to other channels
400 kΩ
refB
Fig. 1. Logic symbol
6. Pinning information
6.1. Pinning
LSF0204
refA
refB
A1
B1
A2
B2
A3
B3
A4
B4
n.c.
n.c.
GND
EN
aaa-031586
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 2. Pin configuration SOT402-1 (TSSOP14)
LSF0204
11 refB
B1
B4
B3
B2
A4
A3
A2
A1
refA
terminal 1
index area
aaa-031587
Transparent top view
10
9
8
7
1
2
3
4
5
Fig. 3. Pin configuration SOT1174-1 (XQFN12)
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com