Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0204PW Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # LSF0204PW
Description  4-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0204PW Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button LSF0204PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved LSF0204PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
LSF0204
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Tamb = -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Translating up (1.8 V to 3.3 V)
An to Bn or Bn to An
VrefA = VI(EN)= 1.8 V; VrefB = 3.3 V;
VI = 1.8 V; VM = 0.9 V
CL = 15 pF
-
0.2
5.1
ns
CL = 30 pF
-
0.4
5.3
ns
tPLH
LOW to HIGH
propagation delay
CL = 50 pF
-
0.6
5.7
ns
An to Bn or Bn to An
VrefA = VI(EN)= 1.8 V; VrefB = 3.3 V;
VI = 1.8 V; VM = 0.9 V
CL = 15 pF
-
0.7
5.3
ns
CL = 30 pF
-
1
6.4
ns
tPHL
HIGH to LOW
propagation delay
CL = 50 pF
-
1.3
6.7
ns
EN to An or Bn
VrefA = VI(EN)= 1.8 V; VrefB = 3.3 V;
VM = 0.9 V
CL = 15 pF
-
11
15
ns
CL = 30 pF
-
12
16.5
ns
tPLZ
LOW to OFF-state
propagation delay
CL = 50 pF
-
13
18
ns
EN to An or Bn
VrefA = VI(EN)= 1.8 V; VrefB = 3.3 V;
VM = 0.9 V
CL = 15 pF
-
23
37
ns
CL = 30 pF
-
30
40
ns
tPZL
OFF-state to LOW
propagation delay
CL = 50 pF
-
33
45
ns
VrefA = VI(EN)= 1.8 V; VrefB = 3.3 V;
VI = 1.8 V; VM = 0.9 V; RL = 100 Ω
CL = 15 pF
-
100
-
MHz
CL = 30 pF
-
100
-
MHz
fmax
maximum frequency
CL = 50 pF
-
80
-
MHz
Translating up (1.2 V to 1.8 V)
An to Bn or Bn to An
VrefA = VI(EN) = 1.2 V; VrefB = 1.8 V;
VI = 1.2 V; VM = 0.6 V
CL = 15 pF
-
0.2
6.85
ns
CL = 30 pF
-
0.4
7.05
ns
tPLH
LOW to HIGH
propagation delay
CL = 50 pF
-
0.65
7.25
ns
An to Bn or Bn to An
VrefA = VI(EN) = 1.2 V; VrefB = 1.8 V;
VI = 1.2 V; VM = 0.6 V
CL = 15 pF
-
1
5.4
ns
CL = 30 pF
-
1.3
6.5
ns
tPHL
HIGH to LOW
propagation delay
CL = 50 pF
-
1.6
7.03
ns
LSF0204
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 2 — 28 October 2020
7 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com