Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1857ACT Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 27Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 28Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 29Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 30Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 31Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 32Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 33Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 34Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
29
µµµµPC1857A
Electrical Characteristics (2/5)
(Unless otherwise specified, VCC = 12 V, TA = 25
°C, RH ≤ 70%, f = 1 kHz, VIN = 0.5 Vr.m.s., no load)
Subaddress Data
Rating
Parameter
Symbol
Test Condition
00
01
02
03
04
MIN.
TYP.
MAX.
Unit
Volume attenuation 1
Lin
→ Lout1
VOL-L1
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
20
10
10
−1.5
0
+1.5
dB
Volume attenuation 2
Lin
→ Lout2
VOL-L2
20
−20.0 −14.0
−7.0
dB
Volume attenuation 3
Lin
→ Lout3
VOL-L3
00
−−
−80.0
dB
Volume attenuation
deviation
Rin
→ R/Lout1
VOL-RL1
Lin = GND
Rin = 0.5 Vr.m.s.
Difference from VOL-L1
0D
3F
20
10
10
−1.0
0
+1.0
dB
Volume attenuation
deviation
Rin
→ R/ Lout2
VOL-RL2
Lin = GND
Rin = 0.5 Vr.m.s.
Difference from VOL-L2
20
−1.0
0
+1.0
dB
Volume attenuation
deviation
Rin
→ R/ Lout3
VOL-RL3
Lin = GND
Rin = 0.5 Vr.m.s.
Difference from VOL-L3
00
−3.0
0
+3.0
dB
Mute attenuation
Lin
→ Lout
MUTE-L
Lin = 2.0 Vr.m.s.
Rin = GND
8D
3F
20
10
10
−−
−80.0
dB
Mute attenuation
Rin
→ Rout
MUTE-R
Lin = GND
Rin = 2.0 Vr.m.s.
−−
−80.0
dB
Balance attenuation L1
Lin
→ Lout1
BAL-L1
Lin = 0.5 Vr.m.s.
Rin = GND
0D
3F
01
10
10
−1.5
0
+1.5
dB
Balance attenuation L2
Lin
→ Lout2
BAL-L2
28
−2.5
−0.5
+1.0
dB
Balance attenuation L3
Lin
→ Lout3
BAL-L3
30
−15.0 −10.0
−5.0
dB
Balance attenuation L4
Lin
→ Lout4
BAL-L4
3F
−−
−80.0
dB
Balance attenuation R1
Rin
→ Rout1
BAL-R1
Lin = GND
Rin = 0.5 Vr.m.s.
0D
3F
3F
10
10
−1.5
0
+1.5
dB
Balance attenuation R2
Rin
→ Rout2
BAL-R2
18
−2.5
−0.5
+1.0
dB
Balance attenuation R3
Rin
→ Rout3
BAL-R3
10
−15.0 −10.0
−5.0
dB
Balance attenuation R4
Rin
→ Rout4
BAL-R4
01
−−
−80.0
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com