Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1857ACT Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 11Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 12Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 13Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 14Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 15Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 16Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 17Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 18Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
13
µµµµPC1857A
Table 1-1. Pin Function List (7/7)
Pin Number
Pin Name
Equivalent Circuit
Description
28
LF1
VCC
18 k
Ω
5 k
Ω
5 k
Ω
680 pF
28
Low-pass filter.
Pin voltage: approx. 6.0 V
29
MFO
Filter output pin for surround
function (simulated mode) (see 4.3
Surround Function).
Pin voltage: approx. 6.0 V
30
MFI
Filter input pin for surround function
(simulated mode) (see 4.3
Surround Function).
Pin voltage: approx. 6.0 V
Remark Pin voltage is the reference value when VCC = 12 V.
VCC
VCC
47 k
15 k
18 k
1 k
820 k
0.082 F
29
30
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com