Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1857ACT Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPC1857ACT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1857ACT Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPC1857ACT Datasheet HTML 15Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 16Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 17Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 18Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 19Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 20Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 21Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 22Page - Renesas Technology Corp UPC1857ACT Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
17
µµµµPC1857A
3.2
Data Transfer Format
Figure 3-4 shows an example of data transfer in write mode.
Figure 3-4. Example of Data Transfer in Write Mode
D6
SDA
D5 D4 D3 D2 D1 D0
Slave address
D7 D6 D5 D4 D3 D2 D1 D0
Subaddress
SA0
D7 D6 D5 D4 D3 D2 D1 D0
Data
SCL
W ACK
ACK
ACK
Remark W: Write mode, ACK: Acknowledge bit
Data is composed of 8 bits. One acknowledge bit always follows these 8 bits of data. Data must be transferred
starting from the MSB.
The 1 byte immediately following the start condition specifies a slave address (chip address). This slave address
is composed of 7 bits.
Table 3-1 shows the slave address of the
µPC1857A. This slave address is registered by Philips.
Table 3-1. Slave Address of
µPC1857A
Slave Address
Bias Voltage of ADS (Pin 22)
D6
D5
D4
D3
D2
D1
Note
D0
5 V
1
000
1
1
0
GND
1
000
1
0
0
Note The user can set bit D1 freely.
0: Bias voltage of ADS (pin 22) is 0 V.
1: Bias voltage of ADS (pin 22) is 5 V.
The 1 bit following the slave address is a read/write bit which specifies the direction of the data to be subsequently
transferred. Write “0” to this read/write bit because the
µPC1857A is write mode only.
The byte following the slave address is the subaddress byte of the
µPC1857A.
The
µPC1857A has five subaddresses, from SA0 to SA4, and each of these addresses is composed of 8 bits. The
data to be set to a subaddress follows this subaddress byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com