Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3033 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC3033 Datasheet HTML 1Page - Renesas Technology Corp UPC3033 Datasheet HTML 2Page - Renesas Technology Corp UPC3033 Datasheet HTML 3Page - Renesas Technology Corp UPC3033 Datasheet HTML 4Page - Renesas Technology Corp UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
μPC3033,3005
LOW-SATURATION STABILIZED POWER SUPPLY
WITH ON/OFF FUNCTION (OUTPUT CURRENT: 1 A)
DATA SHEET
Document No. G17372EJ2V0DS00 (2nd edition)
Date Published January 2006 NS CP(K)
Printed in Japan
2006
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The
μPC3033 and 3005 are low-saturation type regulators with an output current of 1 A at respective output
voltages of 3.3 V and 5 V. These regulators are also provided with an ON/OFF function, which reduces the dissipation
when there is no load, making them ideal for systems requiring low power consumption. Since output voltage
accuracy is as high as ±1%, it can respond also to the application of which high precision is required.
FEATURES
• ON/OFF pin for output control (active-high)
• Output voltage accuracy: VO = ±1% (when TA = 25°C)
• Output current capacitance: 1 A
• Low dropout voltage: VDIF = 0.6 V MAX. (at IO = 0.5 A)
• On-chip inrush current protection circuit for when input voltage rises (when input
voltage is low level)
• On-chip overcurrent and thermal protection circuit
APPLICATIONS
Digital TV, Audio, Air conditioner, etc.
ORDERING INFORMATION
Note Pb-free (This product does not contain Pb in external electrode.)
Part Number
Package
Marking
Output Voltage
μPC3033H
4-pin plastic SIP (TO-126 )
C3033
3.3 V
μPC3033H-AZ Note
4-pin plastic SIP (TO-126 )
C3033
3.3 V
μPC3005H
4-pin plastic SIP (TO-126 )
C3005
5 V
μPC3005H-AZ Note
4-pin plastic SIP (TO-126 )
C3005
5 V
PIN CONFIGURATION (Marking Side)
1: INPUT
2: ON/OFF
3: GND
4: OUTPUT
1234
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com