Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3033 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC3033 Datasheet HTML 2Page - Renesas Technology Corp UPC3033 Datasheet HTML 3Page - Renesas Technology Corp UPC3033 Datasheet HTML 4Page - Renesas Technology Corp UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp UPC3033 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet G17372EJ2V0DS
4
μ PC3033,3005
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Corresponding Model
MIN.
TYP.
MAX.
Unit
μPC3033
4.3
7.5
V
Input Voltage
VIN
μPC3005
6.0
7.5
V
ON/OFF Pin Voltage
VON/OFF
All
0
VIN
V
Output Current
IO
All
0
1.0
A
Operating Ambient Temperature
TA
All
−40
+85
°C
Operating Junction Temperature
TJ
All
−40
+125
°C
Caution Use of conditions other than the above-listed recommended operating conditions is not a problem
as long as the absolute maximum ratings are not exceeded. However, since the use of such
conditions diminishes the margin of safety, careful evaluation is required before such conditions
are used.
ELECTRICAL CHARACTERISTICS
μPC3033 (TJ = 25°C, VIN = 5 V, VON/OFF = 5 V, IO = 0.5 A, CIN = 0.1 μF, COUT = 10 μF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
3.267
3.3
3.333
V
Output Voltage
VO2
−20°C ≤ TJ ≤ +70°C, IO = 50 mA
(3.234)
(3.366)
V
Line Regulation
REGIN
4.3 V
≤ VIN ≤ 6 V
2.0
9.0
mV
Load Regulation
REGL
5 mA
≤ IO ≤ 1 A
10.0
66.0
mV
IBIAS1
IO = 0 A
2.0
4.0
mA
Quiescent Current
IBIAS2
IO = 0.5 A
15.0
30.0
mA
Startup Quiescent Current
IBIAS(S)
VIN = 3.1 V, IO = 0 A
9.0
25.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
80
μVr.m.s.
Ripple Rejection
R·R
f = 120 Hz, 4.3 V
≤ VIN ≤ 6 V
59
dB
Dropout Voltage
VDIF
IO = 0.5 A
0.4
0.6
V
Short Circuit Current
IOshort
0.6
A
Peak Output Current
IOpeak
1.0
1.5
A
Temperature Coefficient of Output
Voltage
ΔVO/ΔT
0°C
≤ TJ ≤ 125°C
⏐0.16⏐
mV/°C
ON Voltage
VON
VIN = 7 V, IO = 0 A
2.0
V
OFF Voltage
VOFF
VIN = 7 V, IO = 0 A
0.8
V
ON/OFF Pin Current (ON state)
ION/OFF
VON/OFF = 5 V
85
200
μA
Standby Current
IBIAS(OFF)
VON/OFF = 0 V
10
μA
Remark Values in parentheses have been measured during product design and are provided as
reference values.
<R>
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com