Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3033 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC3033 Datasheet HTML 4Page - Renesas Technology Corp UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp UPC3033 Datasheet HTML 10Page - Renesas Technology Corp UPC3033 Datasheet HTML 11Page - Renesas Technology Corp UPC3033 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet G17372EJ2V0DS
6
μ PC3033,3005
TYPICAL CHARACTERISTICS (TA = 25°C)
Pd vs. TA
Δ VO vs.TJ
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
25
50
75
100
125
150
With infinite heatsink
10°C/W
110°C/W
Without heatsink
85
1.1
TA - Operating Ambient Temperature -
°C
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
-50 -25
0
25
50
75 100 125 150
μ PC3005
IO = 5 mA
μ PC3033
TJ - Operating Junction Temperature -
°C
VO vs. VIN (
μ PC3033)
VO vs. VIN (
μ PC3005)
0.0
1.0
2.0
3.0
4.0
5.0
01
23
456
78
IO = 1 A
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
VIN - Input Voltage - V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
01
234
56
78
IO = 1 A
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
VIN - Input Voltage - V
IBIAS (IBIAS(s)) vs. VIN (
μ PC3033)
IBIAS (IBIAS(s)) vs. VIN (
μ PC3005)
0
10
20
30
40
50
60
70
80
012
3
45678
IO = 1 A
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
VIN - Input Voltage - V
0
10
20
30
40
50
60
70
80
01
2
345
678
IO = 0.5 A
IO = 5 mA
TJ = 25
°C
IO = 1 A
VIN - Input Voltage - V
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com