Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3033 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC3033 Datasheet HTML 3Page - Renesas Technology Corp UPC3033 Datasheet HTML 4Page - Renesas Technology Corp UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp UPC3033 Datasheet HTML 10Page - Renesas Technology Corp UPC3033 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet G17372EJ2V0DS
5
μ PC3033,3005
μPC3005 (TJ = 25°C, VIN = 6 V, VON/OFF = 6 V, IO = 0.5 A, CIN = 0.1 μF, COUT = 10 μF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
4.95
5.0
5.05
V
Output Voltage
VO2
−20°C ≤ TJ ≤ +70°C, IO = 50 mA
(4.90)
(5.10)
V
Line Regulation
REGIN
6 V
≤ VIN ≤ 7 V
2.0
9.0
mV
Load Regulation
REGL
5 mA
≤ IO ≤ 1 A
20.0
66.0
mV
IBIAS1
IO = 0 A
2.0
4.0
mA
Quiescent Current
IBIAS2
IO = 0.5 A
18.0
30.0
mA
Startup Quiescent Current
IBIAS(S)
VIN = 4.8 V, IO = 0 A
9.0
25.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
120
μVr.m.s.
Ripple Rejection
R·R
f = 120 Hz, 6 V
≤ VIN ≤ 7 V
54
dB
Dropout Voltage
VDIF
IO = 0.5 A
0.28
0.6
V
Short Circuit Current
IOshort
0.6
A
Peak Output Current
IOpeak
1.0
1.5
A
Temperature Coefficient of Output
Voltage
ΔVO/ΔT
0°C
≤ TJ ≤ 125°C
⏐0.4⏐
mV/°C
ON Voltage
VON
VIN = 7 V, IO = 0 A
2.0
V
OFF Voltage
VOFF
VIN = 7 V, IO = 0 A
0.8
V
ON/OFF Pin Current (ON state)
ION/OFF
VON/OFF = 7 V
130
200
μA
Standby Current
IBIAS(OFF)
VON/OFF = 0 V
10
μA
Remark Values in parentheses have been measured during product design and are provided as
reference values.
<R>
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com