Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8002 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 25Page - Renesas Technology Corp UPC8002 Datasheet HTML 26Page - Renesas Technology Corp UPC8002 Datasheet HTML 27Page - Renesas Technology Corp UPC8002 Datasheet HTML 28Page - Renesas Technology Corp UPC8002 Datasheet HTML 29Page - Renesas Technology Corp UPC8002 Datasheet HTML 30Page - Renesas Technology Corp UPC8002 Datasheet HTML 31Page - Renesas Technology Corp UPC8002 Datasheet HTML 32Page - Renesas Technology Corp UPC8002 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
µPC8002
27
C1
: 1
µF
R1
: 10 k
Ω
C2
: 1000 pF
R2
: 50
Ω
C3
: 1000 pF
R3
: 50
Ω
C4
: 1
µF
R4
: 50
Ω
C5
: 1
µF
L1
: 58 nH (reference value)
C6
: 1000 pF
L2
: 10 nH (reference value)
C7
: 10 pFNote
C8
: 330 pF
C9
: 0.01
µF
C10 : 0.01
µF
C11 : 470 pF
C12 : 470 pF
C13 : 10 pFNote
Note
For the IF2 OUT and RSSI OUT capacitance values, see 9. WIRING PATTERN CAPACITANCE DIAGRAM
(REFERENCE).
Remarks 1. Both L in the case of LC matching and R in the case of 50
Ω termination are connected to MIX IN.
Remove
in the case of LC matching, and
and
in the case of 50
Ω termination.
2. Change the location of the plated wires according to the evaluation items.
3. Cut the wiring pattern to connect
.
R4
L1
L2
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com