Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 7Page - Renesas Technology Corp UPC8002 Datasheet HTML 8Page - Renesas Technology Corp UPC8002 Datasheet HTML 9Page - Renesas Technology Corp UPC8002 Datasheet HTML 10Page - Renesas Technology Corp UPC8002 Datasheet HTML 11Page - Renesas Technology Corp UPC8002 Datasheet HTML 12Page - Renesas Technology Corp UPC8002 Datasheet HTML 13Page - Renesas Technology Corp UPC8002 Datasheet HTML 14Page - Renesas Technology Corp UPC8002 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
µPC8002
9
2. INPUT/OUTPUT EQUIVALENT CIRCUIT DIAGRAMS
Mixer Input
Local Input
IF Amplifier 1 Input
IF Amplifier 2 Input
Power On/Off Input
Mixer Output
IF Amplifier 1 Output
IF Amplifier 2 Output
RSSI Output
8
1 k
Ω
1 k
Ω
9
276
Ω
2
700 A
207
Ω
17
250 A
11
290 A
32 k
Ω
10
2 k
Ω
VCC
5
1 k
Ω
1 k
Ω
19
330
Ω
18
14.9 k
Ω
20
330
Ω
14.9 k
Ω
15
330
Ω
14
11.8 k
Ω
16
330
Ω
11.8 k
Ω
1
50 k
Ω
150 k
Ω
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com