Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8002 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 20Page - Renesas Technology Corp UPC8002 Datasheet HTML 21Page - Renesas Technology Corp UPC8002 Datasheet HTML 22Page - Renesas Technology Corp UPC8002 Datasheet HTML 23Page - Renesas Technology Corp UPC8002 Datasheet HTML 24Page - Renesas Technology Corp UPC8002 Datasheet HTML 25Page - Renesas Technology Corp UPC8002 Datasheet HTML 26Page - Renesas Technology Corp UPC8002 Datasheet HTML 27Page - Renesas Technology Corp UPC8002 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
µPC8002
22
Test Circuit Example 6. (Power-on rise time)
Mixer section : Time until the difference between the local input pin power-on and
power-off voltage reaches 90 %
IF section
: Time until RSSI output is within
±10 % of the power-on value.
1
PD
10
RSSI OUT
10 pF
Storage
oscilloscope 2
LO IN
Storage
oscilloscope 1
5
Input signal from SG
1 SEC
50 SEC
SG
3 V
0 V
µ
Remark
Power-on input voltage (VPO) rise time: 10 ns
Caution
The 10 pF capacitor value for RSSI OUT includes all the capacitances (board, pattern, etc.)
applied to the pin. Ensure that the recommended load condition (10 pF) is not exceeded.
Test Circuit Example 7. (Power-off fall time)
1
PD
Storage
oscilloscope
Input signal from SG
1 SEC
50 SEC
SG
12
VCC (IF OUT)
3
VCC (IF)
Current probe
4
VCC (MIX)
3 V
0 V
VCC
VCC
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com