Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8002 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPC8002 Datasheet HTML 8Page - Renesas Technology Corp UPC8002 Datasheet HTML 9Page - Renesas Technology Corp UPC8002 Datasheet HTML 10Page - Renesas Technology Corp UPC8002 Datasheet HTML 11Page - Renesas Technology Corp UPC8002 Datasheet HTML 12Page - Renesas Technology Corp UPC8002 Datasheet HTML 13Page - Renesas Technology Corp UPC8002 Datasheet HTML 14Page - Renesas Technology Corp UPC8002 Datasheet HTML 15Page - Renesas Technology Corp UPC8002 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
µPC8002
10
3. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Test Condition
Rating
Unit
Power supply voltage
VCC
7V
Total power dissipation
PT
TA = 85
°C
120
mW
Storage temperature
Tstg
–40 to +125
°C
Pin voltage
VPIN
VCC+0.2
V
Caution
Product quality may suffer if the absolute rating is exceeded for any parameter, even momentarily.
In other words, an absolute maximum rating is a value at which the possibility of physical damage
to the product cannot be ruled out. Care must therefore be taken to ensure that the these ratings
are not exceeded during use of the product.
Recommended Operating Ratings (TA = 25
°C)
0 dBm = 223.6 mVrms (at 50
Ω)
Parameter
Symbol
Test Condition
MIN.
TYP.
MAX.
Unit
Power supply voltage
VCC
2.7
3.0
5.5
V
Operating ambient temperature
TA
–30
+25
+85
°C
Mixer input level
VMIX
50
Ω resistance termination
–98
–18
dBm
LC matching (reference value)
–107
–27
Local input level
VLOC
50
Ω resistance termination
–5
+5
dBm
LC matching (reference value)
–20
–10
IF amplifier input level
VIF
–99
–14
dBm
Mixer input frequency
fMIX
250
500
MHz
Mixer output frequency
fOM
8
10.7
12
MHz
IF amplifier input frequency
fIF
8
10.7
12
MHz
RSSI output load capacitance
COI
10Note
pF
IF2 output load capacitance
COR
10Note
pF
Note
Includes all capacitances (board, pattern, etc.) applied to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com