Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P218 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD17P218 Datasheet HTML 1Page - Renesas Technology Corp UPD17P218 Datasheet HTML 2Page - Renesas Technology Corp UPD17P218 Datasheet HTML 3Page - Renesas Technology Corp UPD17P218 Datasheet HTML 4Page - Renesas Technology Corp UPD17P218 Datasheet HTML 5Page - Renesas Technology Corp UPD17P218 Datasheet HTML 6Page - Renesas Technology Corp UPD17P218 Datasheet HTML 7Page - Renesas Technology Corp UPD17P218 Datasheet HTML 8Page - Renesas Technology Corp UPD17P218 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
DATA SHEET
1994
Document No.
IC - 3252
(O. D. No.
IC - 8797)
Date Published September 1994 P
Printed in Japan
©
MOS INTEGRATED CIRCUIT
µPD17P218
DESCRIPTION
The
µPD17P218 is a model of the µPD17218 with a one-time PROM instead of an internal mask ROM.
Since the user can write programs to the
µPD17P218, it is ideal for experimental production or small-scale
production of the
µPD17215, 17216, 17217 or 17218 systems.
When reading this document, also read the documents related to the
µPD17215, 17216, 17217 and 17218.
Detailed functions are described in the following user’s manual. Read this manual when designing your
system.
µPD172×× Series User’s Manual: IEU-1317
FEATURES
•
Pin compatible with
µPD17215, 17216, 17217 and 17218 (except PROM programming function)
•
Carrier generator circuit for infrared remote controller (REM output)
•
17K architecture: General-purpose register method
•
Program memory (one-time PROM): 16K bytes (8192
× 16)
•
Data memory (RAM): 223
× 4 bits
•
Pull-up resistor can be connected to RESET pinNote.
•
Low-voltage detection circuit (WDOUT output)Note
•
Operating voltage range: 2.0 to 5.5 V (fx = 4 MHz: normal mode, 8
µs)
2.2 to 5.5 V (fx = 4 MHz: high-speed mode, 4
µs)
3.5 to 5.5 V (fx = 8 MHz: high-speed mode, 2
µs)
Note: Can be selected by mask option with the mask model.
APPLICATIONS
Preset remote controllers, toys, and portable systems
ORDERING
INFORMATION
Part Number
Package
Quality Grade
µPD17P218GT
28-pin plastic SOP (375 mil)
Standard
µPD17P218CT
28-pin plastic shrink DIP (400 mil)
Standard
Please refer to “Quality Grade on NEC Semiconductor Devices” (Document number IEI-1209) published by NEC
Corporation to know the specification of quality grade on the devices and its recommended applications.
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROLLER
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com