Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P218 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 9Page - Renesas Technology Corp UPD17P218 Datasheet HTML 10Page - Renesas Technology Corp UPD17P218 Datasheet HTML 11Page - Renesas Technology Corp UPD17P218 Datasheet HTML 12Page - Renesas Technology Corp UPD17P218 Datasheet HTML 13Page - Renesas Technology Corp UPD17P218 Datasheet HTML 14Page - Renesas Technology Corp UPD17P218 Datasheet HTML 15Page - Renesas Technology Corp UPD17P218 Datasheet HTML 16Page - Renesas Technology Corp UPD17P218 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
µPD17P218
11
2.4
PROCESSING OF UNUSED PINS
Process the unused pins as follows:
Table 2-1 Processing of Unused Pins
Pin
Recommended Connection
P0A0-P0A3
Connect to VDD
P0B0-P0B3
Connect to VDD
P0C0-P0C3
Connect to GND
P0D0-P0D3
Connect to GND
P0E0-P0E3
Input
: Connect to VDD or GND
Output : Open
REM
Open
INT
Connect to GND
WDOUT
Connect to GND
2.5
NOTES ON USING INT AND RESET PINS
In addition to the functions shown in 2 PIN FUNCTIONS, the INT and RESET pins also have a function to set a
test mode (for IC testing) in which the internal operations of the
µPD17P218 are tested.
When a voltage higher than VDD is applied to either of these pins, the test mode is set. This means that, even
during normal operation, the
µPD17P218 may be set in the test mode and malfunction if a noise exceeding VDD is
applied.
For example, if the wiring length of the INT or RESET pin is too long, noise superimposed on the wiring line of
the pin may cause the above problem.
Therefore, keep the wiring length of these pins as short as possible to suppress the noise; otherwise, take noise
preventive measures as shown below by using external components.
•
Connect diode with low VF between VDD
and INT/RESET pin
Moreover, if the test mode is set by the INT pin, low level is output from the WDOUT pin. In this case, connect
the WDOUT pin to the RESET pin.
• Connect capacitor between VDD
and INT/RESET pin
V DD
V DD
V DD
V DD
INT, RESET
INT, RESET
Diode with
low V F
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com