Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P218 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 4Page - Renesas Technology Corp UPD17P218 Datasheet HTML 5Page - Renesas Technology Corp UPD17P218 Datasheet HTML 6Page - Renesas Technology Corp UPD17P218 Datasheet HTML 7Page - Renesas Technology Corp UPD17P218 Datasheet HTML 8Page - Renesas Technology Corp UPD17P218 Datasheet HTML 9Page - Renesas Technology Corp UPD17P218 Datasheet HTML 10Page - Renesas Technology Corp UPD17P218 Datasheet HTML 11Page - Renesas Technology Corp UPD17P218 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
µPD17P218
6
1.
DIFFERENCES BETWEEN
µPD17P218 AND µPD17215/17216/17217/17218
The
µPD17P218 is a model of the µPD17218 provided with a one-time PROM as the program memory, to which
the user can write data, instead of an internal mask ROM.
Table 1-1 shows the differences among the
µPD17P218, µPD17215, 17216, 17217, and 17218.
These five products have different memory capacities and mask options but the same CPU function and internal
hardware. Therefore, the
µPD17P218 can be used to evaluate the program of a system using the µPD17215, 17216,
17217, or 17218. Note that part of the electrical specifications of the
µPD17P218 such as supply current and low-
voltage detection voltage are different from those of the
µPD17215, 17216, 17217, and 17218.
For the detail of the CPU functions and internal hardware, refer to the Data Sheet of the
µPD17215, 17216, 17217,
and 17218.
Table 1-1 Differences between
µPD17P218 and 17215/17216/17217/17218
Product Name
Item
µPD17P218
µPD17215
µPD17216
µPD17217
µPD17218
One-time PROM
Mask ROM
Program Memory
16 K bytes (8192
× 16) 4 K bytes (2048 × 16)
8 K bytes (4096
× 16) 12 K bytes (6144 × 16) 16 K bytes (8192 × 16)
(0000H-1FFFH)
(0000H-07FFH)
(0000H-0FFFH)
(0000H-17FFH)
(0000H-1FFFH)
Data Memory
223
× 4 bits
111 x 4 bits
223 x 4 bits
Pull-Up Resistor of RESET Pin
Provided
Any (mask option)
Low-Voltage Detector Circuit
Note
Provided
Any (mask option)
VPP Pin, Operation Mode Select Pin
Provided
Not provided
2
µs (8 MHz ceramic oscillator: in high-speed mode)
Instruction Execution Time
4
µs (4 MHz ceramic oscillator: in high-speed mode)
16
µs (1 MHz ceramic oscillator: in high-speed mode)
Operation When P0C, P0D Are
Retain output level immediately before standby mode
Standby
Operating Voltage Range
2.2 to 5.5 V (at 4 MHz, in high-speed mode)
Package
28-pin plastic SOP (375 mil)
28-pin plastic shrink DIP (400 mil)
Note:
Although the circuit configuration of the low-voltage detector circuit is identical, its electrical
specifications differ depending on the product.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com