Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P218 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD17P218
Description  MOS INTEGRATED CIRCUIT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17P218 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD17P218 Datasheet HTML 5Page - Renesas Technology Corp UPD17P218 Datasheet HTML 6Page - Renesas Technology Corp UPD17P218 Datasheet HTML 7Page - Renesas Technology Corp UPD17P218 Datasheet HTML 8Page - Renesas Technology Corp UPD17P218 Datasheet HTML 9Page - Renesas Technology Corp UPD17P218 Datasheet HTML 10Page - Renesas Technology Corp UPD17P218 Datasheet HTML 11Page - Renesas Technology Corp UPD17P218 Datasheet HTML 12Page - Renesas Technology Corp UPD17P218 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
µPD17P218
7
2.
PIN FUNCTIONS
2.1
IN NORMAL MODE
4-bit N-ch open-drain output port.
Can be used for key source output of key matrix. This
port retains output level immediately before standby
mode is set when standby mode is set, and outputs low
level on reset.
4-bit N-ch open-drain output port.
Can be used for key source output of key matrix. This
port retains output level immediately before standby
mode is set when standby mode is set, and outputs low
level on reset.
4-bit I/O port which can be set in input or output mode
in bit units.
In output mode, this port serves as high-current CMOS
output port.
In input mode, it serves as CMOS input port to which
pull-up resistor can be connected by program in bit
units. On reset, this port is set as input port.
Infrared remote controller transmission output pin.
Outputs low level on reset.
System reset input pin. By inputting low level to this pin,
CPU can be reset. While low level is input to this pin,
oscillation circuit stops oscillating.
RESET pin of
µPD17P218 is provided with pull-up
resistor.
Positive power supply pin
Ground
External interrupt request input
Output for detection of hang-up or voltage drop.
Outputs low level when watchdog timer overflows, when
stack overflows/underflows, or when low voltage is de-
tected. Connect this pin to RESET pin.
Connect ceramic oscillator for system clock oscillation
across these pins.
Pin No.
Symbol
Function
Output Format
On Reset
15
P0A0
16
P0A1
17
P0A2
18
P0A3
19
P0B0
20
P0B1
21
P0B2
22
P0B3
23
P0C0
24
P0C1
25
P0C2
26
P0C3
27
P0D0
28
P0D1
1
P0D2
2
P0D3
4
P0E0
5
P0E1
6
P0E2
7
P0E3
8
REM
CMOS push-pull
Low-level output
13
RESET
—
Input
9VDD
——
12
GND
——
3
INT
—
Input
14
WDOUT
N-ch open-drain
11
XIN
—
(Oscillation stops)
10
XOUT
4-bit CMOS input port with pull-up resistor.
Can be used for key return input of key matrix. This port
can release standby mode when at least one of pins goes
low.
4-bit CMOS input port with pull-up resistor.
Can be used for key return input of key matrix. This port
can release standby mode when at least one of pins goes
low.
N-ch open-drain
Low-level output
N-ch open-drain
Low-level output
CMOS push-pull
Input
—
Input
—
Input
High-impedance or
low-level output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com