Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1211 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1211 Datasheet HTML 1Page - Semtech Corporation SC1211 Datasheet HTML 2Page - Semtech Corporation SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Parameter
Symbol
Conditions
Min
Typ
Max
Units
CO
Logic High Input Voltage
V
CO_H
2.0
V
Logic Low Input Voltage
V
CO_L
0.8
V
Thermal Shutdown
Over Temperature Trip Point
T
OTP
155
°C
Hysteresis
T
HYST
10
°C
High Side Driver (TG)
Output Impedance
R
SRC_TG
V
BST - VDRN = 8.5V
1.5
3.0
R
SINK_TG
1.0
2.0
Rise Time
t
R_TG
CL = 3nF, V
BST - VDRN = 8.5V
15
ns
Fall Time
t
F_TG
CL = 3nF, V
BST
- V
DRN
= 8.5V
10
ns
Propagation Delay, TG Going High
t
PDH_TG
V
BST - VDRN = 8.5V
37
ns
Propagation Delay, TG Going Low
t
PDL_TG
V
BST - VDRN = 8.5V
30
ns
Low-Side Driver (BG)
Output Impedance
R
SRC_BG
V
BST - VDRN = 8.5V
1.5
3.0
R
SINK_BG
1.5
3.0
Rise Time
t
R_BG
CL = 3nF, V
BST - VDRN = 8.5V
10
ns
Fall Time
t
F_BG
CL = 3nF, V
BST - VDRN = 8.5V
10
ns
Propagation Delay, BG Going High
t
PDH_BG
V
BST
- V
DRN
= 8.5V
20
ns
Propagation Delay, BG Going Low
t
PDL_BG
V
BST
- V
DRN
= 8.5V
27
ns
Under-Voltage-Lockout Time Delay
V
REG ramping up
t
PDH_UVLO
2
µs
V
REG ramping down
t
PDL_UVLO
2
µs
Electrical Characteristics (Cont.)
Unless specified: T
A
= 25°C; V
IN
= 12V; V
REG
= 8.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com