Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1211 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1211 Datasheet HTML 1Page - Semtech Corporation SC1211 Datasheet HTML 2Page - Semtech Corporation SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1211
High Speed, Combi-SenseTM
Synchronous MOSFET Driver
Features
Applications
February 24, 2003
The SC1211 is a high speed, Combi-SenseTM, dual out-
put driver designed to drive high-side and low-side
MOSFETs in a synchronous Buck converter. These
drivers combined with Combi-Sense PWM controllers,
such as Semtech SC2643VX or SC2643, provide a
cost effective multi-phase voltage regulator for advanced
microprocessors
The Combi-SenseTM is a technique to sense the inductor
current for peak current mode control of voltage regula-
tor without using sensing resistor. It provides the follow-
ing advantages:
- No costly precision sensing resistor
- Lossless current sensing
- High level noise free signal
- Fast response
- Suitable for wide range of duty cycle
- Only two small signal components (third optional)
The detailed explanation of the technique can be found
in the Applications Information section.
A 30ns max propagation delay from input transition to
the gate of the power FET’s guarantees operation at high
switching frequencies. Internal overlap protection circuit
prevents shoot-through from Vin to PGND in the main
and synchronous MOSFETs. The adaptive overlap pro-
tection circuit ensures the bottom FET does not turn on
until the top FET source has reached 1V, to prevent cross-
conduction.
8.5V gate drive provides optimum enhancement of
MOSFETs at minimum driver and MOSFET switching loss.
High current drive capability allows fast switching, thus
reducing switching losses at high (up to 1.5MHz) frequen-
cies without causing thermal stress on the driver.
Under-voltage-lockout and over-temperature shutdown
features are included for proper and safe operation.
Timed latches and improved robustness are built into
the housekeeping functions such as the Under Voltage
Lockout and adaptive Shoot-through protection circuitry
to prevent false triggering and to assure safe operation.
The SC1211 is offered in a Power SOIC-8L package.
u High efficiency
u +12V supply voltage with internal LDO for optimum
gate drive
u High peak drive current
u Adaptive non-overlapping gate drives provide
shoot-through protection
u Support Combi-SenseTM and VID-on-fly operations
u Fast rise and fall times (15ns typical with 3000pf
load)
u Ultra-low (<30ns) propagation delay (BG going low)
u Floating top gate drive
u Crowbar function for over voltage protection
u High frequency (to 1.5 MHz) operation allows use
of small inductors and low cost ceramic capacitors
u Under-voltage-lockout
u Low quiescent current
u Intel PentiumTM processor power supplies
u AMD AthlonTM and K8TM
processor power supplies
u High current low voltage DC-DC converter
s
Description


Similar Part No. - SC1211

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
513Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1211STR SEMTECH-SC1211STR Datasheet
513Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1211VX SEMTECH-SC1211VX Datasheet
295Kb / 11P
High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1211VXSTR SEMTECH-SC1211VXSTR Datasheet
295Kb / 11P
High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1211VXSTRT SEMTECH-SC1211VXSTRT Datasheet
295Kb / 11P
High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
More results

Similar Description - SC1211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC420 SEMTECH-SC420 Datasheet
271Kb / 12P
High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC420A SEMTECH-SC420A Datasheet
749Kb / 16P
High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
SC1214 SEMTECH-SC1214 Datasheet
169Kb / 8P
High Speed, Combi-SenseTM Two-Phase, Synchronous MOSFET Driver
SC1211VX SEMTECH-SC1211VX Datasheet
295Kb / 11P
High Speed, Combi-Sense짰, Synchronous MOSFET Driver for Mobile Applications
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1211 SEMTECH-SC1211_03 Datasheet
513Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com