Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1211 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1211
Description  High Speed, Combi-SenseTM Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1211 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1211 Datasheet HTML 3Page - Semtech Corporation SC1211 Datasheet HTML 4Page - Semtech Corporation SC1211 Datasheet HTML 5Page - Semtech Corporation SC1211 Datasheet HTML 6Page - Semtech Corporation SC1211 Datasheet HTML 7Page - Semtech Corporation SC1211 Datasheet HTML 8Page - Semtech Corporation SC1211 Datasheet HTML 9Page - Semtech Corporation SC1211 Datasheet HTML 10Page - Semtech Corporation SC1211 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
© 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1211
Applications Information
THEORY OF OPERATION
The SC1211 is a high speed, Combi-SenseTM, dual out-
put driver designed to drive top and bottom MOSFETs in
a synchronous Buck converter. It features adaptive de-
lay for shoot-through protection and VID-on-Fly opera-
tion; internal LDO for optimum gate drive voltage; and
Virtual Phase Node for Combi-SenseTM solution. These
drivers combined with PWM controller SC2643VX form
a multi-phase voltage regulator for advanced micropro-
cessors. A three-phase voltage regulator with 12V input
60A output is shown in the Typical Application Circuit sec-
tion.
Startup and UVLO
To startup the driver, a supply voltage is applied to VIN
pin of the SC1211. The top and bottom gates are held
low until VIN exceeds UVLO threshold of the driver, typi-
cally 4.0V. Then the top gate remains low and the bot-
tom gate is pulled high to turn on the bottom FET. Once
VIN exceeds UVLO threshold of the PWM controller, typi-
cally 7.5V, the soft-start begins and the PWM signal takes
fully control of the gate transitions.
Gate Transition and Shoot through Protection
Refer to the Timing Diagrams section, the rising edge of
the PWM input initiates the bottom FET turn-off and the
top FET turn-on. After a short propagation delay (tPDL_BG),
the bottom gate begins to fall (tF_BG). An adaptive circuit
in the SC1211 monitors the bottom gate voltage to drop
below 1.4V. Then after a preset delay time (tPDH_TG) is
expired, the top gate turns on. The delay time is set to
be 20ns typically. This prevents the top FET from turning
on until the bottom FET is off. During the transition, the
inductor current is freewheeling through the body diode
of either bottom FET or top FET, upon the direction of
the inductor current. The phase node could be low
(ground) or high (VIN).
The falling edge of the PWM input controls the top FET
turn-off and the bottom FET turn-on. After a short propa-
gation delay (tPDL_TG), the top gate begins to fall (tF_TG).
As the inductor current is commutated from the top FET
to the body diode of the bottom FET, the phase node
begins to fall. The adaptive circuit in the SC1211 de-
tects the phase node voltage. It holds the bottom FET
off until the phase node voltage has dropped below 1.0V.
This prevents the top and bottom FETs from conducting
simultaneously or shoot-through.
VID-on-Fly Operation
Certain new processors have required to changing the
VID dynamically during the operation, or refered as VID-
on-Fly operation. A VID-on-Fly can occur under light load
or heavy load conditions. At light load, it could force the
converter to sink current. Upon turn-off of the top FET,
the reversed inductor current has to be freewheeling
through the body diode of the top FET instead of the
bottom FET. As a result, the phase node voltage remains
high. The SC1211 incorporates the ability by pulling the
bottom gate to high internally, which over rides the adap-
tive circuit and turns the bottom FET on. The delay time
from the PWM falling egde to the bottom gate turn-on is
set at 200ns typically.
Virtual Phase Node for Combi-SenseTM
Peak-Current-Mode control is widely employed in multi-
phase voltage regulators. It features phase current bal-
ance, fast transient response, and over current protec-
tion, etc. These are essential to low-voltage high-cur-
rent regulators designed for advanced microprocessors.
Usually, a costly current sensing resistor is required to
obtain the output inductor current information for the
peak current control. The Combi-SenseTM technique fea-
tured by the SC1211 is an approach to sense inductor
current without using sensing resistor.
The above circuit shows the concept of Combi-SenseTM
technique. An internal totem pole (Qcst, Qcsb) gener-
ates a VPN (Virtual Phase Node) signal. This VPN follows
Inductor Current Signal
Vout
Qcst
VIN
Rcs
C
SC1211
PGND
VIN
VPN
Lo
Q2
Qcsb
DRN
Q1
+
Co
Ccs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com