Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD61P24CS Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 27Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 28Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 29Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 30Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 31Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 32Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 33Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 34Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
µPD61P24
29
20PIN PLASTIC SHRINK DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
P20C-70-300B-1
N
0.17
0.007
R
0~15
°
0~15
°
A
19.57 MAX.
0.771 MAX.
B
1.78 MAX.
0.070 MAX.
F
0.85 MIN.
0.033 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.5
0.256
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
M
R
M
I
H
G
F
DN
C
B
K
110
20
11
A
L
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com