Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD61P24CS Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 23Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 24Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 25Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 26Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 27Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 28Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 29Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 30Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
µPD61P24
25
DC Characteristics (VDD = 3.0 V, fOSC = 455 kHz, TA =25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
2.2
5.5
V
Current Consumption 1
IDD1
fOSC = 455 kHz
0.3
1.5
mA
Current Consumption 2
IDD2
fOSC = STOP
1.0
µA
REM High Level Output Current
IOH1
VO = 1.0 V
–5
–8
–15
mA
REM Low Level Output Current
IOL1
VO = 0.3 V
0.5
1.5
2.5
mA
S-OUT High Level Output Current
IOH2
VO = 2.7 V
–0.3
–1.0
–2.0
mA
S-OUT Low Level Output Current
IOL2
VO = 0.3 V
1
1.5
2.5
mA
KI High Level Input Current
IIH1
VI = 3.0 V
10
30
µA
KI High Level Input Current
IIH1'
VI = 3.0 V, without pull-down resistor
0.2
µA
KI Low Level Input Current
IIL1
VI = 0 V
–0.2
µA
KI/O High Level Input Current
IIH2
VI = 3.0 V
10
30
µA
KI/O High Level Input Current
IIH2'
VI = 3.0 V, without pull-down resistor
0.2
µA
KI/O Low Level Input Current
IIL2
VI = 0 V
–0.2
µA
KI/O High Level Output Current
IOH3
V0 = 2.5 V
–1.5
–2.0
–4.0
mA
KI/O Low Level Output Current
IOL3
V0 = 2.1 V
25
50
100
µA
S-IN High Level Input Current
IIH3
VI = 3.0 V
6
15
µA
S-IN High Level Input Current
IIH3'
VI = 3.0 V, without pull-down resistor
0.2
µA
S-IN Low Level Input Current
IIL3
VI = 0 V
–0.2
µA
KI High Level Input Voltage
VIH1
2.1
3.0
V
KI Low Level Input Voltage
VIL1
VI = 3.0 V
0
0.9
V
KI/O High Level Input Voltage
VIH2
1.3
3.0
V
KI/O Low Level Input Voltage
VIL2
0
0.4
V
S-IN High Level Input Voltage
IIH3
1.1
3.0
V
S-IN Low Level Input Voltage
IIL3
0
0.4
V
AC Pull-Up Resistor
R1
VI = 0 V
0.3
3.0
k
Ω
AC Pull-Down Resistor
R2
VI = 2.7 V
150
400
1500
k
Ω
AC High Level Input Voltage
VIH4
1.8
3.0
V
AC Low Level Input Voltage
VIL4
0
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com