Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD61P24CS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD61P24CS
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 12Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 13Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 14Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 15Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 16Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 17Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 18Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 19Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
µPD61P24
14
14. STANDBY FUNCTION (HALT INSTRUCTION)
The
µPD6600A is provided with the standby mode (HALT instruction), in order to reduce the power consumption,
when not executing the program. Clock oscillation can be stopped in the standby mode (STOP mode).
In the standby mode, the program execution stops. However, the contents of the internal registers and the data
memory are all retained.
14.1
STOP Mode (Oscillation stop HALT instruction)
In the STOP mode, the operation of the system clock generator (ceramic resonator oscillation circuit) stops.
Therefore, operations requiring the system clock will stop.
If the HALT instruction is executed during timer operation, the program counter stops. The oscillation stop mode
will be initiated, after the timer count down operation is completed.
14.2
HALT Mode (Oscillation continue HALT instruction)
The CPU stops its operation, until the HALT release condition is satisfied.
The system clock operation continues in this mode.
14.3
Standby Release Conditions
(1) S-IN input
(2) KI/O input
(3) KI input
(4) Timer count down operation completion
Remark
Either high level or low level can be specified for setting a release condition by input.
Table 14-1. Standby Mode Releasing Condition
D 3
0/1
0
Releasing condition:
0
1
Timer
01
00
K
0
0
S-IN
D 2
D 1
D 0
Releasing
Condition
1
0
1
0
I/O
K I
Remarks
Released when 0.
Valid only in the IN mode.
When RL
A is selected, the standby mode is
always released.
3
←
“0”···Low level detection
“1”···High level detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com