Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5410 Datasheet(PDF) 72 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 68Page - STMicroelectronics VV5410 Datasheet HTML 69Page - STMicroelectronics VV5410 Datasheet HTML 70Page - STMicroelectronics VV5410 Datasheet HTML 71Page - STMicroelectronics VV5410 Datasheet HTML 72Page - STMicroelectronics VV5410 Datasheet HTML 73Page - STMicroelectronics VV5410 Datasheet HTML 74Page - STMicroelectronics VV5410 Datasheet HTML 75Page - STMicroelectronics VV5410 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
72/105
[23],
[17] - op_format
Note: oeb_composite is the logical OR of op_format[5] and the OEB pin.
[24],
[18] - mode_select
This register allows the user to configure the sensor to operate with the present generation of coprocessors as well as anticipated
future devices.
Bit
Function
Default
Comment
1:0
Data format select.
0
00 - 5 wire parallel output
01 - 4 wire parallel output
1x - 8 wire parallel output
Note: If the 8 wire output option has been selected then
the FST and LST pins will output data bits 5 and 6
respectively, normal FST and LST function is not
available
2
Embedded SAV/EAV Escape
Sequences1
On / Off
1.
Please note that if the embedded coding sequences are disabled then the FST signal is also disabled. The QCK
output will continue to function IF the free running option has been selected. The LST functionality is unaffected
by the state of this bit.
0
0 - Insert Embedded Control Sequences e.g Start
and End of Active Video into Output Video data
1 - Pass-through mode. Output Video data equals ADC
data.
4:3
reserved
11
5
Tri-state output data bus
Enabled / Tri-state
0
On power up the data bus pads are enabled by default.
This bit is OR’ed with the OEB pin to generate the
enable signal for the data pins as detailed in Table 44
6
Re-time tri-state update.
Off / On
0
Re-time new tri-state value to a field boundary. This bit
affects the updating of the op_format[5] as well as
data_format[6:5]
7
unused
0
Table 43 : [23],
[17] - op_format
OEB pin
op_format[5]
oeb_composite
Comments
0
0
0
Data outputs enabled.
0
1
1
Data outputs are tri-stated by op_format[5]
1
0
1
Data outputs are tri-stated by OEB pin.
1
1
1
Data outputs are tri-stated.
Table 44 : Data bus output control
Bit
Function
Default
Comment
0
Coprocessor device is VP3
No/Yes
1
By default the sensor expects the coprocessor to be a
VP3 device. If the sensor is not being used with a VP3
device then this bit should be reset. This bit controls
the arrangement of black/dark/visible lines within the
field. It does not alter timing. Please see
Table 45 : [24],
[18] - Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com