Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5410 Datasheet(PDF) 94 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 90Page - STMicroelectronics VV5410 Datasheet HTML 91Page - STMicroelectronics VV5410 Datasheet HTML 92Page - STMicroelectronics VV5410 Datasheet HTML 93Page - STMicroelectronics VV5410 Datasheet HTML 94Page - STMicroelectronics VV5410 Datasheet HTML 95Page - STMicroelectronics VV5410 Datasheet HTML 96Page - STMicroelectronics VV5410 Datasheet HTML 97Page - STMicroelectronics VV5410 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
VV5410 & VV6410
Characterisation Details
cd5410-6410f-3-0.fm
Commercial in confidence
94/105
12.3
VV5410/VV6410 Power Consumption
Table 66 : VV5410/6410 Current consumption in different modes
12.4 Digital Input Pad Pull-up and Pull-down Strengths
Operating Condition
Current Consumption
Low power mode current consumption
5.6mA
Sleep mode current consumption1
1.
Estimated figures - this parameter was not measured during final characterisation
18mA
Suspend mode current consumption
(with CLKIP disabled)
85uA
Normal operating mode current consumption2
2.
Measured while device is clocked at 16MHz and streaming CIF video at 30fps
26.2mA
Pad Type
Pads
Min current
Max Current
Library pulldown
suspend
35uA
52uA
Library pullup
scl, sda, oeb
25uA
42uA
Custom pullup
resetb
66uA
250uA
Table 67 : Pad Pull-up/Pull-down Strengths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com