Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5410 Datasheet(PDF) 27 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 23Page - STMicroelectronics VV5410 Datasheet HTML 24Page - STMicroelectronics VV5410 Datasheet HTML 25Page - STMicroelectronics VV5410 Datasheet HTML 26Page - STMicroelectronics VV5410 Datasheet HTML 27Page - STMicroelectronics VV5410 Datasheet HTML 28Page - STMicroelectronics VV5410 Datasheet HTML 29Page - STMicroelectronics VV5410 Datasheet HTML 30Page - STMicroelectronics VV5410 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
27/105
cd5410-6410f-3-0.fm
8.
Digital Video Interface Format
8.1
General description
The video interface consists of a bidirectional, tri-stateable 5-wire data bus. The nibble transmission is synchronised to the rising
edge of the system clock (Figure 31).
Digital video data may be either 8 or 10 bits per sample, and can be transmitted in one of the following ways:
10-bit data
1. A series pair of 5-bit nibbles, most significant nibble first, on 5 wires.
2. An 8-bit number e.g. line code. line numbers and status line data is padded with 00 in the least significant two bits to make
up a 10-bit value.
8-bit data
1. A single 8 bit byte over 8 output wiresnote.
2. A series pair of 4-bit nibbles, most significant nibble first, on 4 wires.
3. The top 8-bits of a 10-bit value e.g. pixel data or line averages is used as the 8-bit equivalent.
note: if the 8-wire output mode has been selected then the normal FST/LST pin function is sacrificed as these pins are required
to output data information
In the following description the 4-wire mode is used as an example. The 5-wire mode can be viewed as a variant of the 4-wire
mode. Data is output on the least significant data wires available. e.g. in 4-wire mode, data is output on data wires D[3:0] while in
Read-out Order
Progressive Scan (Non-interlaced)
Form of encoding
Uniformly quantised, PCM, 8/10 bits per sample
Correspondence between video signal
levels and quantisation levels:
The internal10-bit pixel data is clipped to ensure that 0H and 3FFH (5
Wire) or FFH (4/8 Wire) values do not occur when pixel data is being
output on the data bus.
10-Bit Data
8-Bit Data
Pixel Values
1 to 1022
Pixel Values
1 to 254
Black Level
64
Black Level
16
Table 10 : Video encoding parameters
Figure 12 : Possible Output Modes
4 - wire Output Mode
D9,D8,D7,D6
D5,D4,D3,D2
D5,D4,D3,D2
D9,D8,D7,D6
8-bit Pixel Data
10-bit Pixel Data
5 - wire Output Mode
D9,D8,D7,D6,D5
D4,D3,D2,D1,D0
D4,D3,D2,D1,D0
D9,D8,D7,D6,D5
8- wire Output Mode
D9,D8,D7,D6,D5,D4,D3,D2
D9,D8,D7.........
....D2,D1,D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com