Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VV5410 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VV5410
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5410 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VV5410 Datasheet HTML 7Page - STMicroelectronics VV5410 Datasheet HTML 8Page - STMicroelectronics VV5410 Datasheet HTML 9Page - STMicroelectronics VV5410 Datasheet HTML 10Page - STMicroelectronics VV5410 Datasheet HTML 11Page - STMicroelectronics VV5410 Datasheet HTML 12Page - STMicroelectronics VV5410 Datasheet HTML 13Page - STMicroelectronics VV5410 Datasheet HTML 14Page - STMicroelectronics VV5410 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
11/105
cd5410-6410f-3-0.fm
3.3
X-offset and Y-offset
The image information is retrieved from the pixel array via a 2 dimensional address. The x and y address busses count from a
starting point described by x-offset, y-offset up to a maximum count in x and y that is determined by the image size. The order of
this count and the count step size is dependent upon the special image format parameters described below. The detailed control
of the x and y address counters is entirely handled by the sensor logic
As can be seen in Figure 3 the visible array size is 364 columns by 296 rows. The PAL and CIF images are sized, 356 columns
by 292 rows, thus we have a “border” of visible pixels that we do not read out if either of these modes are selected.
The images that are read out of the sensor are always “centred” on the array, therefore we allow a border of 4 columns at either
end of the image in the x-direction and a border of 2 rows at the top and bottom of the image in the y-direction. The pantilt QCIF
and NTSC video modes are similarly centred within the full size array.
For all the modes except the pantilt QCIF the x and y offset coordinates are fixed. If the user selects the pantilt QCIF mode then
they may specify x and y-offsets in the range:
•
(xoffset >= 1) and (xoffset <= 185)
•
(yoffset >= 5) and (yoffset <= 149)
The sensor will automatically clip values outwith the specified ranges. The y addresses less than 5 are reserved for the sensor
black lines and the y address greater than 296 are reserved for the sensor dark lines. Neither the black lines nor the dark lines
contain visible image data
Figure 2 : Bayer Colourisation Pattern (VV6410 only)
Green 1
Blue
Green 2
Red
Odd Rows
(5, 7, 9,...)
Even Rows
(4, 6, 8,...)
Odd
Columns
(1,3,5,...)
Even
Columns
(2, 4, 6,...)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com