Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2117 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2117
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2117 Datasheet HTML 1Page - Monolithic Power Systems MP2117 Datasheet HTML 2Page - Monolithic Power Systems MP2117 Datasheet HTML 3Page - Monolithic Power Systems MP2117 Datasheet HTML 4Page - Monolithic Power Systems MP2117 Datasheet HTML 5Page - Monolithic Power Systems MP2117 Datasheet HTML 6Page - Monolithic Power Systems MP2117 Datasheet HTML 7Page - Monolithic Power Systems MP2117 Datasheet HTML 8Page - Monolithic Power Systems MP2117 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
3
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, TA = +25C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
No Load Supply Current
VIN = 3.6V, VEN=3.6V
VFB = 0.65V
350
500
μA
Shutdown Current
VEN = 0V, VIN = 6V
0.01
1
μA
Thermal Shutdown Trip Threshold
Hysteresis = 20°C
150
°C
PWROK Upper Trip Threshold
FB with respect to the Nominal Value
10
%
PWROK Lower Trip Threshold
FB with respect to the Nominal Value
–10
%
PWROK Output Lower Voltage
ISINK = 5mA
0.3
V
PWROK Deglitch Timer
50
μs
EN Trip Threshold
–40°C ≤ TA ≤ +85°C
0.3
1.5
V
EN Pull Down Resistor
1
M
Ω
IN Under Voltage Lockout Threshold
Rising Edge, Hysteresis=0.3V
1.8
2.2
V
Regulated FB Voltage
TA = +25°C
0.584
0.596
0.608
V
–40°C ≤ TA ≤ +85°C
0.578
0.596
0.614
FB Input Bias Current
VFB = 0.62V
–50
+50
nA
SW PFET On Resistance
ISW = 100mA
0.20
Ω
SW NFET On Resistance
ISW =
–100mA
0.15
Ω
SW Leakage Current
VEN = 0V, VIN = 6V
VSW = 0V or 6V
–5
+5
μA
SW PFET Peak Current Limit
Duty Cycle = 100%,
Current Pulse Width < 1ms
2.5
3.3
4.5
A
Oscillator Frequency
1.00
1.25
1.50
MHz
Notes:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
PIN FUNCTIONS
QFN
Pin #
SOIC
Pin #
Name
Description
1
1
FB
Feedback Input for the switcher output VOUT.
2
8
EN
Enable Input for the switcher.
3
2
IN
Input Supply Pin.
4, 5
3
SW
Switcher switch node.
6
4, 5
PGND
Low Side Synchronous Rectifier Switch Power Ground.
7
6
GND
Chip Analog Ground. Connect the Exposed Pad to GND.
9
7
PWROK
Power On Reset Open Drain Output. HIGH output indicates that the
output is within
10% of the regulation value. LOW output indicates that
the output is out of
10% window. PWROK is pulled down in shutdown.
The PWROK window comparators have 50us deglitch timer to avoid
false trigger during load transient.
8, 10
-
N/C
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com