Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2117 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2117
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2117 Datasheet HTML 4Page - Monolithic Power Systems MP2117 Datasheet HTML 5Page - Monolithic Power Systems MP2117 Datasheet HTML 6Page - Monolithic Power Systems MP2117 Datasheet HTML 7Page - Monolithic Power Systems MP2117 Datasheet HTML 8Page - Monolithic Power Systems MP2117 Datasheet HTML 9Page - Monolithic Power Systems MP2117 Datasheet HTML 10Page - Monolithic Power Systems MP2117 Datasheet HTML 11Page - Monolithic Power Systems MP2117 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
8
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
modulates the power transferred to the load by
changing the inductor peak current based on the
feedback error voltage. During normal operation,
the main switch is turned on for a certain time to
ramp the inductor current at each rising edge of
the internal oscillator, and switched off when the
peak inductor current is above the error voltage.
When the main switch is off, the synchronous
rectifier will be turned on immediately and stay on
until the next cycle starts.
Dropout Operation
The MP2117 allows the main switch to remain on
for more than one switching cycle and increases
the duty cycle while the input voltage is dropping
close to the output voltage. When the duty cycle
reaches 100%, the main switch is held on
continuously to deliver current to the output up to
the PFET current limit. The output voltage then
becomes the input voltage minus the voltage
drop across the main switch and the inductor.
Short Circuit Protection
When the output is shorted to ground, the
oscillator frequency is reduced to prevent the
inductor current from increasing beyond the
PFET current limit. The PFET current limit is also
reduced to lower the short circuit current. The
frequency and current limit will return to the
normal values once the short circuit condition is
removed and the feedback voltage reaches 0.6V.
Maximum Load Current
The MP2117 can operate down to 2.5V input
voltage; however the maximum load current
decreases at lower input due to a large IR drop
on the main switch and synchronous rectifier.
The slope compensation signal reduces the peak
inductor current as a function of the duty cycle to
prevent sub-harmonic oscillations at duty cycles
greater than 50%. Conversely, the current limit
increases as the duty cycle decreases.
Power OK
The MP2117 provides an open-drain PWROK
output that goes high after the output reaches
regulation during startup. PWROK goes low after
the output goes out of regulation by ±10% or
when device enters shutdown. There is 50µsec
deglitch timer built in to avoid PWROK false
triggered during load transient.
Enable Control
MP2117 has a dedicated Enable control pin. By
pulling it to high or low, the IC can be enabled
and disabled by EN. Tie EN to VIN by proper
voltage divider for automatic start up as Figure 2
shows. And make sure that:
EN2
IN
EN1
EN2
R
Max. EN Threshold<V
6V
(R
R
)

+
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com