Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2117 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2117
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2117 Datasheet HTML 4Page - Monolithic Power Systems MP2117 Datasheet HTML 5Page - Monolithic Power Systems MP2117 Datasheet HTML 6Page - Monolithic Power Systems MP2117 Datasheet HTML 7Page - Monolithic Power Systems MP2117 Datasheet HTML 8Page - Monolithic Power Systems MP2117 Datasheet HTML 9Page - Monolithic Power Systems MP2117 Datasheet HTML 10Page - Monolithic Power Systems MP2117 Datasheet HTML 11Page - Monolithic Power Systems MP2117 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
10
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Thermal Dissipation
Power dissipation should be considered when
MP2117 provide maximum 2.2A output current to
the loads at high ambient temperature. If the
junction temperature rises above 150
C, the
MP2117 will be shut down.
The junction-to-ambient thermal resistance of the
10-pin QFN or 8-pin SOIC RΘJA is 50C/W. The
maximum power dissipation is about 1.6W when
the MP2117 is operating in a 70
C ambient
temperature environment.
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
−
=
PCB Layout
The high current paths (GND, IN, OUT and SW)
should be placed very close to the device with
short, direct and wide traces. Input capacitors
should be placed as close as possible to the
respective IN and PGND pins. The external
feedback resistors should be placed next to the
FB pins. Keep the switching nodes SW short and
away from the feedback network. An external
diode (i.e. B130) can be added between SW and
GND to reduce switching noise and to improve
the load regulation. The reference layout and its
schematic are shown below:
Top Layer
Bottom Layer
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com