Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2117 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2117
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2117 Datasheet HTML 3Page - Monolithic Power Systems MP2117 Datasheet HTML 4Page - Monolithic Power Systems MP2117 Datasheet HTML 5Page - Monolithic Power Systems MP2117 Datasheet HTML 6Page - Monolithic Power Systems MP2117 Datasheet HTML 7Page - Monolithic Power Systems MP2117 Datasheet HTML 8Page - Monolithic Power Systems MP2117 Datasheet HTML 9Page - Monolithic Power Systems MP2117 Datasheet HTML 10Page - Monolithic Power Systems MP2117 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
7
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
Figure 1
—Functional Block Diagram
The MP2117 is a 1.25MHz fixed frequency
current mode synchronous step-down switcher.
The MP2117 is optimized for low voltage, Li-Ion
battery
powered
applications
where
high
efficiency and small size are critical. The MP2117
can provide up to 2.2A continuous load current
from a 2.5V to 6V input voltage.
The MP2117 uses an external resistor divider to
set the switcher output voltage from 0.6V to 6V.
2.2A Step-Down Switcher
The switcher integrates both a main switch and a
synchronous
rectifier,
which
provides
high
efficiency and eliminates an external Schottky
diode.
The duty cycle D of a step-down switcher is
defined as:
OUT
ON
OSC
IN
V
D
T
f
100%
100%
V
=
Where TON is the main switch on time and fOSC is
the oscillator frequency (1.25MHz).
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current
limiting
for
superior
load
and
line
response in addition to protection of the internal
main switch and synchronous rectifier. The
MP2117
switches
at
a
constant
frequency
(1.25MHz) and regulates the output voltage.
During
each
cycle
the
PWM
comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com