Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2159 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 2 Page - International Rectifier

  IR2159 Datasheet HTML 1Page - International Rectifier IR2159 Datasheet HTML 2Page - International Rectifier IR2159 Datasheet HTML 3Page - International Rectifier IR2159 Datasheet HTML 4Page - International Rectifier IR2159 Datasheet HTML 5Page - International Rectifier IR2159 Datasheet HTML 6Page - International Rectifier IR2159 Datasheet HTML 7Page - International Rectifier IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
IR2159/IR21591 (S)
2
www.irf.com
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 25
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
IOMAX
Maximum allowable output current (either output)
-500
500
due to external power transistor miller effect
VVCO
Voltage controlled oscillator input voltage
-0.3
6.0
V
ICPH
CPH current
-5
5
mA
VIPH
IPH voltage
-0.3
5.5
VDIM
Dimming control pin input voltage
-0.3
5.5
VMAX
Maximum lamp power setting pin input voltage
-0.3
5.5
VMIN
Minimum lamp power setting pin input voltage
-0.3
5.5
VCS
Current sense input voltage
-0.3
5.5
ISD
Shutdown pin current
-5
5
ICC
Supply current (note 1)
—
25
dV/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Package power dissipation @ TA ≤ +25°C
(16 pin DIP)
—
1.60
PD = (TJMAX-TA)/RthJA
(16 pin SOIC)
—
1.25
RthJA
Thermal resistance, junction to ambient
(16 pin DIP)
—
75
(16 pin SOIC)
—
115
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
—
300
V
mA
V
mA
Note 1:
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6V (VCLAMP). Please note that this supply pin should not be driven by a DC, low impedance
power source greater than the diode clamp voltage (VCLAMP) as specified in the Electrical Characteristics
section.
W
oC
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com