Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2159 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2159 Datasheet HTML 7Page - International Rectifier IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier IR2159 Datasheet HTML 10Page - International Rectifier IR2159 Datasheet HTML 11Page - International Rectifier IR2159 Datasheet HTML 12Page - International Rectifier IR2159 Datasheet HTML 13Page - International Rectifier IR2159 Datasheet HTML 14Page - International Rectifier IR2159 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
IR2159/IR21591 (S)
www.irf.com
11
Graph 7. IMIN vs RFMIN (IR2159/IR21591)
Graph 8. IIPH vs RFMIN (IR2159/IR21591)
Graph 5. Frequency vs RFMIN (IR2159)
35
40
45
50
55
60
65
70
75
80
85
90
10
14
18
22
26
30
34
38
RFMIN K
Ω
VVCO=0.5V
Graph 6. Frequency vs RFMIN (IR21591)
80
90
100
110
120
130
140
150
160
170
10
14
18
22
26
30
34
38
RFMIN K
Ω
VVCO=1.1V
10
20
30
40
50
60
70
80
90
100
110
10
20
30
40
50
60
70
RFMIN (K
Ω)
50
100
150
200
250
300
350
400
450
10
20
30
40
50
60
70
RFMIN (K
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com