Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2159 Datasheet(PDF) 6 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2159 Datasheet HTML 2Page - International Rectifier IR2159 Datasheet HTML 3Page - International Rectifier IR2159 Datasheet HTML 4Page - International Rectifier IR2159 Datasheet HTML 5Page - International Rectifier IR2159 Datasheet HTML 6Page - International Rectifier IR2159 Datasheet HTML 7Page - International Rectifier IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier IR2159 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IR2159/IR21591 (S)
6
www.irf.com
OVER-
TEMP
DETECT
LEVEL
SHIFT
PULSE
FILTER &
LATCH
3
5.1V
4
6
10V
2
1.3uA
5
7
I
DT+ICT
8
5.1V
1.0V
CPH
DIM
MAX
MIN
FMIN
IPH
VCO
Q
S
R2 Q
R1
Q
T
RQ
16
14
15
VS
HO
VB
13
11
12
COM
LO
VCC
15.6V
10
1.6V
CS
QS
R
Q
UNDER-
VOLTAGE
DETECT
9
SD
2.0V
1
VDC
I
CT
I
CT
15uA
1uA
60uA
CT
4/R
FMIN
I
FMIN
Q
S
RQ
Q
S
RQ
I
DIM
1/R
FMIN
5.1V
1
0
VCC
400ns
DELAY
7.6V
10 CYCLES
IGNITION
COUNTER
Q
S
RQ
5.1V
3V
R
FB
V
DIMTH
ERR
REF
FB
CT
I
DIM /5
Lead Assignments & Definitions
Block Diagram
Pin # Symbol
Description
1
11
10
9
3
8
7
6
5
4
2
16
15
14
13
12
VDC
HO
VB
VS
VCC
COM
LO
CS
SD
FMIN
MIN
MAX
DIM
CPH
VCO
Line input voltage detection
Voltage controlled oscillator Input
Preheat timing input
0.5 to 5VDC dimming control input
Maximum lamp power setting
Minimum lamp power setting
Minimum frequency setting
Shutdown input
Current sensing input
Low-side gate driver output
IC power & signal ground
Logic & low-side gate driver supply
High-side gate driver floating supply
High voltage floating return
High-side gate driver output
Pin Assignments
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
VCO
CPH
DIM
MAX
MIN
FMIN
IPH
LO
COM
VCC
VB
VS
HO
SD
CS
IPH
Peak preheat current reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com