Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2159 Datasheet(PDF) 7 Page - International Rectifier

Part # IR2159
Description  DIMMING BALLAST CONTROL IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2159 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2159 Datasheet HTML 3Page - International Rectifier IR2159 Datasheet HTML 4Page - International Rectifier IR2159 Datasheet HTML 5Page - International Rectifier IR2159 Datasheet HTML 6Page - International Rectifier IR2159 Datasheet HTML 7Page - International Rectifier IR2159 Datasheet HTML 8Page - International Rectifier IR2159 Datasheet HTML 9Page - International Rectifier IR2159 Datasheet HTML 10Page - International Rectifier IR2159 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
IR2159/IR21591 (S)
www.irf.com
7
UVLO Mode
1/
2-Bridge Off
I
QCC ≅ 200µA
CPH = 0V
Oscillator Off
PREHEAT Mode
1/
2-Bridge Oscillator On
V
CSPK=VIPH (Peak Current Control)
CPH Charging @ I
PH = 1µA
DIM = Open Circuit
Over-Current Disabled
IGNITION Mode
f
PH ramps to f MIN
CPH Charging @ I
PH = 1µA
DIM = Open Circuit
Over-Current Enabled
DIM Mode
Phase
CS = Phase REF
DIM = CPH
Over-Current Enabled
VCC > 12.5V (UV+)
and
VDC > 5.1V (Bus OK)
and
SD < 1.7V (Lamp OK)
and
T
J < 175C (Tjmax )
CPH > 5.1V
(End of PREHEAT Mode)
VCO < V
DIMTH
(End of IGNITION Mode)
VCC < 10.9V
(VCC Fault or
Power Down)
or
VDC < 3.0V
(dc Bus/ac Line Fault
or Power Down)
or
SD > 2.0V
(Lamp Fault or
Lamp Removal)
Power Turned On
FAULT Mode
Fault Latch Set
1/
2-Bridge Off
I
QCC ≅ 240µA
CPH = 0V
VCC = 15.6V
Oscillator Off
T
J > 175C
(Over-
Temperature)
CS > V
CSTH (1.6V)
(Failure to Strike Lamp
or Hard Switching)
or
T
J > 175C
(Over-Temperature)
CS > V
CSTH (1.6V)
(Over-Current or Hard Switching)
or
T
J > 175C
(Over-Temperature)
SD > 2.0V
(Lamp Removal)
or
VCC < 10.9V
(Power Turned Off)
State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com