Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16311/2 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 21Page - Microchip Technology MCP16311/2 Datasheet HTML 22Page - Microchip Technology MCP16311/2 Datasheet HTML 23Page - Microchip Technology MCP16311/2 Datasheet HTML 24Page - Microchip Technology MCP16311/2 Datasheet HTML 25Page - Microchip Technology MCP16311/2 Datasheet HTML 26Page - Microchip Technology MCP16311/2 Datasheet HTML 27Page - Microchip Technology MCP16311/2 Datasheet HTML 28Page - Microchip Technology MCP16311/2 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 25
MCP16311/2
FIGURE 5-3:
MCP16312 - Typical LED Driver Application: 400 mA Output.
VIN
GND
VFB
SW
VIN
12V
ILED = 400 mA
COUT
CIN
VCC
CVCC
L1
CBOOST
BOOST
RB
REN
LED
Component
Value
CIN
2 x 10 µF
COUT
2 x 10 µF
L1
15 µH
RB
2
REN
1M
CVCC
1µF
CBOOST
0.1 µF
LED
1 x White LED
RB
VFB
ILED
-----------
=
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com