Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16311/2 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 7Page - Microchip Technology MCP16311/2 Datasheet HTML 8Page - Microchip Technology MCP16311/2 Datasheet HTML 9Page - Microchip Technology MCP16311/2 Datasheet HTML 10Page - Microchip Technology MCP16311/2 Datasheet HTML 11Page - Microchip Technology MCP16311/2 Datasheet HTML 12Page - Microchip Technology MCP16311/2 Datasheet HTML 13Page - Microchip Technology MCP16311/2 Datasheet HTML 14Page - Microchip Technology MCP16311/2 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 11
MCP16311/2
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Feedback Voltage Pin (VFB)
The VFB pin is used to provide output voltage regulation
by using a resistor divider. The VFB voltage will be
0.800V typical with the output voltage in regulation.
3.2
Internal Bias Pin (VCC)
The VCC internal bias is derived from the input voltage
VIN. VCC is set to 5.0V typical. The VCC is used to
provide a stable low bias voltage for the upper and
lower gate drive circuits. This output should be
decoupled to AGND with a 1 µF capacitor, X7R. This
capacitor should be connected as close as possible to
the VCC and AGND pin.
3.3
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable the device and lower the quiescent current
while disabled. A logic high (> 1.3V) will enable the
regulator output. A logic low (< 1V) will ensure that the
regulator is disabled.
3.4
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a
4.7 µF-20 µF capacitor, depending on the impedance
of the source and output current. The input capacitor
provides current for the switch node and a stable
voltage source for the internal device power. This
capacitor should be connected as close as possible to
the VIN and GND pins. For light-load applications, a
2.2 µF X7R or X5R ceramic capacitor can be used.
3.5
Analog Ground Pin (AGND)
This ground is used by most internal circuits, such as
the analog reference, control loop and other circuits.
3.6
Power Ground Pin (PGND)
This is a separate ground connection used for the low-
side synchronous switch.The length of the trace from
the input cap return, output cap return and GND pin
should be made as short as possible to minimize the
noise in the system. The power ground and the analog
ground should be connected in a single point.
3.7
Switch Node Pin (SW)
The switch node pin is connected internally to the low-
side and high-side switch, and externally to the SW
node, consisting of the inductor and boost capacitor.
The SW node can rise very fast as a result of the
internal switch turning on.
3.8
Boost Pin (BOOST)
The high side of the floating supply used to turn the
integrated N-Channel high-side MOSFET on and off is
connected to the boost pin.
3.9
Exposed Thermal Pad Pin (EP)
There is an internal electrical connection between the
EP and the PGND and AGND pins.
TABLE 3-1:
PIN FUNCTION TABLE
MCP16311/2
2x 3 TDFN
MCP16311/2
MSOP
Symbol
Description
11
VFB
Output Voltage Feedback pin. Connect VFB to an external resistor
divider to set the output voltage.
22
VCC
Internal Regulator Output pin. Bypass Capacitor is required on this
pin to provide high peak current for gate drive.
3
3
EN
Enable pin. Logic high enables the operation. Do not allow this pin to
float.
44
VIN
Input Supply Voltage pin for power and internal biasing
55
PGND
Power Ground pin
6
6
SW
Output Switch Node pin, connects to the inductor and the bootstrap
capacitor
7
7
BOOST
Boost Voltage pin that supplies the driver used to control the high-
side NMOS switch. A bootstrap capacitor is connected between the
BOOST and SW pins.
88
AGND
Signal Ground pin
9
—
EP
Exposed thermal pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com