Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16311/2 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP16311/2
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311/2 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP16311/2 Datasheet HTML 32Page - Microchip Technology MCP16311/2 Datasheet HTML 33Page - Microchip Technology MCP16311/2 Datasheet HTML 34Page - Microchip Technology MCP16311/2 Datasheet HTML 35Page - Microchip Technology MCP16311/2 Datasheet HTML 36Page - Microchip Technology MCP16311/2 Datasheet HTML 37Page - Microchip Technology MCP16311/2 Datasheet HTML 38Page - Microchip Technology MCP16311/2 Datasheet HTML 39Page - Microchip Technology MCP16311/2 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 37
MCP16311/2
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP16311:
High-Efficiency, PFM/PWM Integrated
Synchronous Switch Step-Down Regulator
(MSOP only)
MCP16311T:
High-Efficiency, PFM/PWM Integrated
Synchronous Switch Step-Down Regulator
(Tape and Reel) (MSOP and TDFN)
MCP16312:
High-Efficiency, PFM Integrated Synchronous
Switch Step-Down Regulator
(MSOP only)
MCP16312T:
High-Efficiency, PWM Integrated Synchronous
Switch Step-Down Regulator (Tape and Reel)
(MSOP and TDFN)
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
E
= -40°C to +125°C
(Extended)
Package:
MS
=
8-Lead Plastic Micro Small Outline Package,
MSOP
MNY* =
8-Lead Plastic Dual Flat, No Lead Package,
2x 3x 0.8mm Body, TDFN
*Y
=
Nickel palladium gold manufacturing designator
Examples:
a) MCP16311-E/MS:
Extended temperature,
8LD MSOP package
b) MCP16311T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
c) MCP16311T-E/MNY: Tape and Reel,
Extended temperature,
8LD2 x 3TDFNpackage
a) MCP16312-E/MS:
Extended temperature,
8LD MSOP package
b) MCP16312T-E/MS:
Tape and Reel,
Extended temperature,
8LD MSOP package
c) MCP16312T-E/MNY: Tape and Reel,
Extended temperature,
8LD 2 x 3 TDFN package
[X](1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com